Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7445 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC7445 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7445 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
MPC7448 RISC Microprocessor Hardware Specifications, Rev. 4
Freescale Semiconductor
17
Electrical and Thermal Characteristics
Figure 3 provides the SYSCLK input timing diagram.
Figure 3. SYSCLK Input Timing Diagram
5.2.2
Processor Bus AC Specifications
Table 9 provides the processor bus AC timing specifications for the MPC7448 as defined in Figure 4 and
Figure 5.
Table 9. Processor Bus AC Timing Specifications1
At recommended operating conditions. See Table 4.
Parameter
Symbol 2
All Speed Grades
Unit
Notes
Min
Max
Input setup times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3], GBL, TT[0:4],
QACK, TA, TBEN, TEA, TS, EXT_QUAL, PMON_IN,
SHD[0:1]
BMODE[0:1], BVSEL[0:1]
tAVKH
tDVKH
tIVKH
tMVKH
1.5
1.5
1.5
1.5
—
—
—
—
ns
—
—
—
8
Input hold times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3], GBL, TT[0:4],
QACK, TA, TBEN, TEA, TS, EXT_QUAL, PMON_IN,
SHD[0:1]
BMODE[0:1], BVSEL[0:1]
tAXKH
tDXKH
tIXKH
tMXKH
0
0
0
0
—
—
—
—
ns
—
—
—
—
8
Output valid times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
BR, CI, DRDY, GBL, HIT, PMON_OUT, QREQ, TBST,
TSIZ[0:2], TT[0:4], WT
TS
ARTRY, SHD[0:1]
tKHAV
tKHDV
tKHOV
tKHTSV
tKHARV
—
—
—
—
—
1.8
1.8
1.8
1.8
1.8
ns
Output hold times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
BR, CI, DRDY, GBL, HIT, PMON_OUT, QREQ, TBST,
TSIZ[0:2], TT[0:4], WT
TS
ARTRY, SHD[0:1]
tKHAX
tKHDX
tKHOX
tKHTSX
tKHARX
0.5
0.5
0.5
0.5
0.5
—
—
—
—
—
ns
SYSCLK to output enable
tKHOE
0.5
—
ns
5
SYSCLK
VM
VM
VM
CVIH
CVIL
VM = Midpoint Voltage (OVDD/2)
tSYSCLK
tKR
tKF
tKHKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com