Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 144 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 144 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 140Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 141Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 142Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 143Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 144Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 145Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 146Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 147Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
13.6.1 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
TCOF
Thermal sensor coefficient
–
-3.8
–
mV/ºC
VTSNS_24C
Thermal sensor voltage at 24 ºC
–
1.38
–
V
T110C
110 ºC temperature threshold
100
110
120
ºC
T125C
125 ºC temperature threshold
115
125
135
ºC
T140C
140 ºC temperature threshold
130
140
150
ºC
T155C
155 ºC temperature threshold
145
155
165
ºC
TSD_165C
Thermal shutdown threshold
• Applies to devices with 165 °C thermal shutdown
155
165
175
ºC
TSD_175C
Thermal shutdown threshold
• Applies to devices with 175 °C thermal shutdown
165
175
185
ºC
TWARN_HYS
Thermal threshold hysteresis
–
5
–
ºC
TSD_HYS
Thermal shutdown hysteresis
–
10
–
ºC
tTMP_DBNC
Debounce timer for temperature thresholds (on both rising and
falling temperatures)
–
10
–
µs
tS_INTERVAL
Sampling interval time
–
3
–
ms
tS_WINDOW
Sampling window
–
450
–
µs
Table 193. Thermal monitoring electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
144 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com