Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 75Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 76Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 77Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 78Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 79Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 80Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 81Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 82Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
12.8.10.2 LDO1EN mode
When the GPIO2 is operating in LDO1EN mode, the GPIO2 pin is used as an input to enable or disable the
output voltage of LDO1 by hardware. In this mode of operation, the pin is provided with an internal pulldown
resistor to force a solid low condition in the event of a floating pin.
The LDO1EN mode is designed to allow the system to control the on/off status of the LDO1 regulator either by
forcing the GPIO2 pin high or low (hardware control) or by using the corresponding I2C bits to enable or disable
the regulator in RUN or STANDBY states respectively (software control).
GPIO2 operation
LDO1_RUN_EN/ LDO1_STBY_EN
GPIO2 pin
LDO1 output
LDO1EN input
0
Do not care
Disabled
LDO1EN input
1
Low
Disabled
LDO1EN input
1
High
Enabled
Table 90. LDO1EN mode
In order to prevent an undetected transition of the LDO1 via the LDO1EN, the device will generate the
LDO1EN_I interrupt every time the LDO1EN input toggles.
12.8.11 GPIO3
The GPIO3 pin is a programmable general-purpose IO with a selectable open-drain or push-pull output buffer.
The GPIO pin is configurable as a general purpose output (GPO) or as a dedicated input, to perform the
ERRMON fault monitoring operation via the OTP_GPIO3_MODE[1:0] bits.
OTP_GPIO3_MODE[1:0]
GPIO3 mode
00
Open-drain output
01
Push-pull output
10
Reserved
11
ERRMON input
Table 91. GPIO3 mode
Refer to section 18.6 External Error monitoring (ERRMON) for a detailed description of the ERRMON operation.
The GPIO3_S flag is provided to read the real-time state of the GPIO3 pin regardless of whether the I/O is
working as an input or an output.
GPIO3_S
GPIO3 state
0
Low
1
High
Table 92. GPIO3 state
12.8.11.1 GPO mode
When the GPIO3 is used as a general purpose output (GPO mode), the pin will be asserted low during the OFF
states. It can be set high by default during the Power-up sequence, or manually during the system-on states.
When the output is set as an open drain, the GPIO3 pin can be pulled up to any voltage lower than VIN with an
external resistor between 10 kΩ and 470 kΩ. System requirements must be taken into account when selecting
the pullup voltage and resistance. To prevent the output from being pulled high in the ULPOFF state, the
selection must ensure that the pullup voltage is not present during OFF condtions.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
79 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com