Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 99 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 95Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 96Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 97Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 98Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 99Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 100Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 101Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 102Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 °C to 125 °C, VSW1IN = VIN = UVDET to 5.5 V, VSW1FB = 3.3 V, ISW1 = 1 A, typical
external component values, fSW = 2.5 MHz, unless otherwise noted. Typical values are characterized at VSW1IN = 5.0 V,
VSW1FB = 3.3 V, ISW1 = 1000 mA, and Ta = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
• 1.5V ≤ VSW1FB ≤ 3.3V
VSW1RIPPLE
Output voltage ripple
• PWM mode
• Frequency Spread spectrum Disabled
–
6
–
mV
ISW1
SW1 nominal current
3.5
–
–
A
ILIM1_SW1
SW1 current limit
• SW1_ILIM[1:0] = 01
2.8
4.0
5
A
ILIM2_SW1
SW1 current limit
• SW1_ILIM[1:0] = 10
3.8
5.0
6
A
ILIM3_SW1
SW1 current limit
• SW1_ILIM[1:0] = 00 or 11
4.75
6
7
A
ILIMN_SW1
Negative current limit
1.8
2.5
3.62
A
VSOS_SW1
Startup overshoot
• SW1_DVS[1:0] = 11 (15.6 mV/μs)
• VSW1IN = 5.0 V
• VSW1FB = 3.3 V
-25
25
50
mV
tONMIN_SW1
Turn-on time
• From 10 % to 90 % of end value
• SW1_DVS[1:0] = 11 (15.6 mV/μs)
• VSW1IN = 5.0 V
• VSW1FB = 0.5 V
32
–
–
µs
tONMAX_SW1
Maximum turn-on time
• From 10 % to 90 % of end value
• SW1_DVS[1:0] = 00 (1.95 mV/μs)
• VSW1IN = 5.0 V
• VSW1FB = 3.3 V
–
–
1690
µs
ηSW1_PWM1
PWM efficiency at full load (see Table 12)
• VSW1IN = 5.0 V
• VSW1FB = 3.3 V
• fSW1 = 2.5 MHz
• TA = 25 °C
–
90
–
%
ηSW1_PWM2
PWM efficiency at 40% load
• VSW1IN = 5.0 V
• VSW1FB = 3.3 V
• fSW1 = 2.5 MHz
• TA = 25 °C
–
94
–
%
ηSW1_PWM3
PWM efficiency at full load (see Table 12)
• VSW1IN = 5.0 V
• VSW1FB = 0.8 V
• fSW1 = 2.5 MHz
• TA = 25 °C
–
73
–
%
Table 124. SW1 electrical characteristics...continued
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
99 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com