Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 73 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 69Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 70Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 71Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 72Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 73Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 74Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 75Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 76Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
PG_EN bits
Option
PGOOD Control
0
VMON1 does not control PGOOD
VMON1_PG_EN
1
VMON1 controls PGOOD
0
VMON2 does not control PGOOD
VMON2_PG_EN
1
VMON2 controls PGOOD
Table 72. Voltage reels PGOOD triggers...continued
The PGOOD pin is released high when the all of the voltage monitors selected to control the PGOOD pins are
in regulation (within the UV/OV range), and it will be asserted low when any of such regulators goes above or
below the programmed OV/UV thresholds.
In order to ensure the system is still capturing OV/UV fault conditions even when the PGOOD pin is not
assigned to report a specific condition, all regulators will report the corresponding status and fault events via
the interrupt bits, regardless of the configuration of the PG_EN bits. For more details on interrupt management,
refer to section 16.7.2 Interrupt Management.
The PGOOD pin will report the power good status of all regulators that have been enabled during the RUN or
the monitored STANDBY (OTP_LP_STBY = 0) states, and the pin will be asserted low if there are no regulators
or VMON blocks enabled in the system.
When the PF09 is operating in the low-power STANDBY state (OTP_LP_STBY = 1), all voltage monitors are
disabled to ensure the lowest quiescent current possible. In this scenario, the PGOOD pin will remain released
as long as there are one or more regulators/VMONs enabled in the system.
During the Power-up sequence, the PGOOD pin is held low. It will be released high only after the RSTB pin is
released in the Power up sequence to allow the system to receive the power good status as soon as the system
is brought out of reset. Refer to section 16.6.4 Fault Monitoring during Time Based Power-up for details on the
power good monitoring during the Power-up sequence.
12.8.6.1 PGOOD pin diagnostic
The PGOOD_S flag is provided to read the real-time state of the PGOOD pin.
PGOOD_S
PGOOD state
0
LOW
1
HIGH
Table 73. PGOOD_S flag
The PGOOD_FLT_I interrupt is provided to notify a short-to-high or short-to-low condition has been present
on the PGOOD pin. If a fault condition is present on the PGOOD pin, and the PGOOD_FLT_I interrupt is
unmasked, the INTB pin will be asserted low. The PGOOD_FLT_I can be cleared by writing a 1 to it.
The PGOOD_S2H flag is provided to sense a real time short-to-high condition in the PGOOD pin. When the
PGOOD pin is being driven low internally, and the PGOOD_S is sensing a high state, the PGOOD_S2H flag will
be set HIGHuntil the condition is cleared.
The PGOOD_S2L flag is provided to sense a real time short-to-low condition in the PGOOD pin. When the
PGOOD pin is released high internally, and the PGOOD_S is sensing a low state, the PGOOD_S2L flag will be
set HIGH until the condition is cleared.
12.8.7 FS0B
The FS0B pin is an active-low, open-drain safety output. The FS0B pin can be pulled up to VDDIO or VIN
externally with a 10 kΩ to 470 kΩ resistor, based on the system requirements.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
73 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com