Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 40Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 41Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 42Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 43Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 44Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 45Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 46Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 47Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_EWARN_TIME[1:0]
EWARN delay time
00
100 μs
01
5 ms
10
20 ms
11
50 ms
Table 41. EWARN delay time
12.4.4 Power-down sequencing
The PF09 provides a highly flexible scheme to control the power-down sequence. It relies on the configuration
of the _SEQ[7:0] bits and the SEQ_TBASE[1:0] bits to set the order in which the voltage regulators, GPIO, or
voltage monitors will be sequenced down during a power-down event.
The values of the _SEQ[7:0] and SEQ_TBASE[1:0] bits are set by default, as defined by the Power-up
sequence in the OTP registers. The regulators, GPIO, and VMON, will perform the power-down sequence
in the reverse order with respect to the Power-up sequence, that is, channels with the higher slot in their
corresponding _SEQ[7:0] bits will be disabled first, and those with the lower slot will be disabled last.
Channels whose _SEQ[7:0] bits are set to 0x00 will be disabled first, before the sequenced slots are disabled.
In scenarios where the system requires a different power-down sequencing, the MCU can change the values
in the _SEQ[7:0] and SEQ_TBASE[1:0] bits during the SYSTEM ON states to ensure the PMIC will sequence
down in the next power cycle following the new values.
When the device passes through any of the OFF States, the SEQ_TBASE[1:0] and _SEQ[7:0] bits are reloaded
with the default values in the OTP registers before it starts the next power-up sequence, to ensure the system is
able to power up with a valid Power-up sequence.
If all of the sequence bits are set to _SEQ[7:0] = 0x00, all the system regulators, VMONx, GPOx, and RSTB
pins will be turned off at once when the power-down sequencer is invoked.
12.4.4.1 VAON power-down control
The behavior of the VAON during a power-down sequence is dependent on the mode of operation of this LDO.
When the VAON is configured as a “system regulator”, it will be included in the Power-down sequence based on
the _SEQ[7:0] bits, as described in the previous section.
When the VAON is configured as an “always-on regulator”, the output will remain enabled during the power-
down sequence, and during the OFF states, to ensure the system doesn’t lose this voltage during the full power
cycle.
If the power down is started by an OV/UV condition on the VAON supply operating as an always-on regulator,
the reaction of the output will depend on the fault mode configuration of the VAON regulator. Refer to
Section 12.6.3 for detailed description of the VAON behavior in this particular scenario.
If the device reaches the Deep Fail-safe state (DFS), the VAON output will be disabled to protect the system,
and default operation will be recovered once the device exit the DFS state and the OTP fuses are reloaded.
12.4.4.2 Power-down delay
A programable delay after the power-down sequence can be set using the PD_SEQ_DLY[2:0] bits.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
44 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com