Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 151 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 147Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 148Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 149Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 150Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 151Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 152Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 153Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 154Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056081
0
WD_NOK_CNT
WD timer
100 % window
WD timer
partial window
WD refresh OK
WD refresh OK
1
WD refresh OK
2
WD refresh OK
3
WD refresh OK
4
WD refresh OK
5
n =
WD_MAX_NOK
WD refresh
NOK
WD refresh
NOK
WD refresh
NOK
WD refresh
NOK
WD refresh
NOK
WD refresh OK
WD EVENT
WD refresh NOK
0
WD timer expired
WD refresh NOK
0
WD timer expired
WD refresh NOK
WD Timer operation
WD refresh
NOK
WD refresh
OK
Figure 40. System watchdog operation
The PF09 supports a development mode operation in the watchdog management functionality in order to proof
and validate the watchdog functionality without generating a system reset, if system is not able to provide a
valid response. The watchdog operates in development mode when the WD_NOK_MAX[2:0] bits are set to
0b000,
When the WD is operating in development mode, the WD_NOK_CNT[2:0] will still count good and bad WD
refresh, however, there will be no maximum count, hence no WD reset is possible.
The WD_OK_CNT[2:0] bits are provided to count the number of consecutive WD_OK events. The WD_OK
counter increases by 1 every time a good refresh is present, but it will clear to 0 when a bad refresh occurs.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
151 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com