Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 169 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 169 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 165Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 166Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 167Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 168Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 169Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 170Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 171Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 172Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 173Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
Because the DMS is intended to detect and protect against random failures in the main control logic, such
failures are considered critical and not fixable at the system level. However random conditions may lead to
temporary failures that may return to normal operation before they can be considered to be critical failures.
Each temporary fault condition will cause the DMS to assert the FS0B pin and set the corresponding interrupt. If
the fault condition was cleared before it was considered a critical fault, and the system MCU is still responsive, it
can go ahead and clear the interrupt and proceed to release the FS0B pin to resume normal operation.
A persistent fault condition will cause the DMS to assert the FS0B and take a strong protective action against a
critical fault condition, as defined in the DMS OTP configuration registers.
The DMS provides secondary control of the system safety output (FS0B) and system reset signal (RSTB), to
ensure the system is placed in a known safe state when a safety-critical fault condition is found in the digital
control unit.
During system operation, the main digital control unit (DCU) has full control of the FS0B and RSTB pins. If the
main DCU becomes unresponsive or there is a failure that may affect the ability of the main DCU to detect a
failure, the DMS will take control of the safety outputs and assert the pins to place the system in a safe state.
The power cutoff signals in the DMS block provide direct control of the power stage of the voltage regulators,
allowing the DMS to disable the output of the power supplies in the event of a critical system failure.
Critical faults leading to a non-functional digital controller will result in the DMS forcing a safe state until the
condition is removed and the digital circuit is able to recover logic control.
Critical faults detected by the DMS but still maintaining the main logic operation will result in the DMS forcing
a safe state and requesting the main digital control unit to move into the Deep Fail-safe state (DFS). The PF09
can then exit the DFS state based on the OTP configuration for this state.
14.12.1 DMS safety coverage
The independent power supply (VDIG_DMS) is provided to eliminate common-cause failures with respect to the
main digital supply, allowing the DMS to detect a fault condition in the main digital controller due to a bad VDIG
supply.
The independent DMS clock is provided to eliminate common-cause faults with respect to the main system
clocks, allowing the DMS to detect fault conditions in the main digital controller due to clock drift or stuck-at
condition.
A bidirectional safety handshake protocol (SHS) is provided to verify that the main digital control unit is
responsive. The safety handshake uses key information to verify the integrity of the DMS configuration registers
and the real-time status of the logic signal controlling the voltage monitoring circuits.
The safety handshake protocol is designed in such way that It behaves as a self-redundant mechanism that
is able to check for single-point or latent failures in the main digital control unit, as well as latent failures in the
DMS block itself.
Dedicated input-monitoring signals are also provided to ensure proper operation of key analog blocks that may
result in a single-point or latent failure in the main logic controller. These blocks include the main VDIG_OV
monitoring and the bandgap comparator, providing a higher level of protection against a random fault that could
cause the main digital control unit to become unresponsive, and therefore unable to react.
14.12.2 DMS safety configuration
The severity of the reaction to the various fault conditions is programmable in the main OTP registers. The DMS
configuration registers, however, are passed to and stored in the dedicated DMS logic control unit, to ensure the
DMS block can perform proper monitoring even if the main logic is lost.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
169 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com