Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 182 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 182 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 178Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 179Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 180Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 181Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 182Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 183Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 184Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 185Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 186Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
15.3 OTP registers
Key
Description
OTP only
OTP-only bits are used to set a hardware and software configuration that is not intended to change
during the normal system operation.
OTP functional
OTP functional values are used to set the default configuration of the I2C functional registers at power
up. The system can then modify the functional configuration during system operation as required by the
application.
Not all OTP functional bits have a one-to-one match in the functional registers, however one or more
functional bits may set their default value(s) based on the selection of these bits as described in this
document.
Table 231. OTP register color code
ADDR REGISTER
DEFAULT
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
MSB
—
—
—
OTP_I2C_
SECURE_EN
OTP_I2C_
CRC_EN
OTP_I2C_ADD[2:0]
0x60
OTP_I2C_CFG
0000_0000
—
—
—
RW
RW
RW
RW
RW
MSB
OTP_LBIST_
BYPASS
OTP_EWARN_TIME[1:0]
OTP_
PWRUP_CHK
OTP_
STBY_REQ
OTP_LP_STBY
OTP_
ERRMON_POL
OTP_
STBY_POL
0x61
OTP_SYS_
CFG1
0000_0100
RW
RW
RW
RW
RW
RW
RW
RW
MSB
OTP_VIN_SEL
OTP_SW1
LS_EN
OTP_
XFAILB_EN
OTP_XFAILB_
VAON
OTP_VIN_
OV_SDWN
OTP_VIN_
OV_EN
OTP_VIN_OV_DBNC[1:0]
0x62
OTP_SYS_
CFG2
0000_0000
RW
—
RW
RW
RW
RW
RW
RW
MSB
OTP_
GPO4_STBY
OTP_
GPO3_STBY
OTP_
GPO2_STBY
OTP_
GPO1_STBY
OTP_SW4CONFIG[1:0]
OTP_SW2CONFIG[1:0]
0x63
OTP_SYS_
CFG3
0000_0000
RW
RW
RW
RW
RW
RW
RW
RW
MSB
OTP_GPIO4_MODE[1:0]
OTP_GPIO3_MODE[1:0]
OTP_GPIO2_MODE[1:0]
OTP_GPIO1_MODE[1:0]
0x64
OTP_SYS_
CFG4
0000_0000
RW
RW
RW
RW
—
—
—
RW
MSB
—
OTP_RETRY_MSK[3:0]
OTP_RETRY_
MODE
OTP_
RETRY_DFS
OTP_
PWRON_DFS
0x65
OTP_DFS_CFG
0000_0001
—
RW
RW
RW
RW
RW
RW
RW
MSB
—
OTP_VDIGOV_RSTB[1:0]
OTP_BGM_RSTB[1:0]
OTP_SHS_RSTB[2:0]
0x66
OTP_DMS_
CFG1
0000_0000
—
RW
RW
RW
RW
RW
RW
RW
MSB
—
OTP_VDIGOV_CUTOFF[1:0]
OTP_BGM_CUTOFF[1:0]
OTP_SHS_CUTOFF[2:0]
0x67
OTP_DMS_
CFG2
0000_0000
—
RW
RW
RW
RW
RW
RW
RW
MSB
—
OTP_FSYNC_
MODE
OTP_FSS_
MODE
OTP_FSS_EN
OTP_CLK_FREQ[3:0]
0x68
OTP_
FREQ_CFG
0000_0100
—
RW
RW
RW
RW
RW
RW
RW
MSB
OTP_WD_DURATION[3:0]
—
OTP_WD_WINDOW[1:0]
OTP_WD_EN
0x69
OTP_WD_CFG1
0000_0000
RW
RW
RW
RW
—
RW
RW
RW
MSB
—
OTP_WD_NOK_MAX[2:0]
—
OTP_WD_OK_FCD[2:0]
0x6A
OTP_WD_CFG2
0000_0000
—
RW
RW
RW
—
RW
RW
RW
MSB
OTP_TIMER_FAULT[3:0]
OTP_FAULT_MAX_CNT[3:0]
0x6B
OTP_
FAULT_CNT
0000_0000
RW
RW
RW
RW
RW
RW
RW
RW
MSB
OTP_MAX_FS_CNT[3:0]
OTP_RESET_MAX[3:0]
0x6C
OTP_FAULT_
CNT2
0000_0000
RW
RW
RW
RW
RW
RW
RW
RW
MSB
—
—
OTP_RSTB_SOFTRST[1:0]
OTP_RSTB_MODE[1:0]
OTP_RSTB_TSHORT[1:0]
0x6D
OTP_
RSTB_CFG
0000_0000
—
—
—
RW
RW
RW
RW
RW
MSB
OTP_FS0
B_DCRC
OTP_FS0
B_DFS
OTP_FS0
B_VIN_OV
OTP_FS0
B_XFAIL
OTP_FS0
B_WD
OTP_FS0
B_XRESET
OTP_FS0
B_SFAULT
OTP_FS0
B_HFAULT
0x6E
OTP_FS0
B_CFG
0000_0000
RW
RW
RW
RW
RW
RW
RW
RW
MSB
OTP_FCCU1_MODE[1:0]
OTP_FCCU0_MODE[1:0]
OTP_
FCCU1_POL
OTP_
FCCU0_POL
OTP_FCCU_DBNC[1:0]
0x6F
OTP_
FCCU_CFG
0000_0000
RW
RW
RW
RW
RW
RW
RW
RW
Table 232. OTP Register Map
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
182 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com