Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 104 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 100Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 101Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 102Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 103Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 104Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 105Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 106Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 107Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The SWx_RUN_MODE[1:0] bits are provided to change the mode of operation of the SWx regulator during the
RUN state. If the SWx is enabled in the Power-up sequence, the SWx_RUN_MODE[1:0] will be set to PWM by
default.
SWx_RUN_MODE[1:0]
Mode selection in RUN
00
OFF
01
PWM
10
PFM
11
Reserved
Table 131. Mode selection in RUN
The SWx_STBY_MODE[1:0] bits are provided to change the mode of operation of the SWx regulator during the
STANDBY state.
SWx_STBY_MODE[1:0]
Mode selection in STANDBY
00
OFF
01
PWM
10
PFM
11
Reserved
Table 132. Mode selection in STANDBY
The default value for the SWx_STBY_MODE[1:0] bits is loaded at power-up from the OTP_SWx_STBY_EN bit.
OTP_SWx_STBY_EN
SWx operation in STANDBY
0
OFF
1
PFM
Table 133. Default SWx mode selection in STANDBY
When the SWx regulator changes the mode between the PWM and PFM, The SWx_MODE_I interrupt will be
generated when the mode transition is finished. The INTB pin will be asserted if the SWx_MODE interrupt is not
masked.
The SWx_ILIM[1:0] bits are provided to program the current limit detection in the SWx regulator. The default
current limit is loaded at power up from the OTP_SWx_ILIM[1:0] bits.
SWx_ILIM[1:0]
Current limit
00
4.5A
01
2.6A
10
3.0A
11
4.5A
Table 134. Current limit selection bits
The SWx_PH[2:0] bits are provided to control the phase shift of the switching frequency. The default switching
phase is loaded at power up from the OTP_SWx_PH[2:0] bits.
SWx_PH[2:0]
Phase control
000
45°
Table 135. SWx phase shift selection bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
104 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com