Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMMA2ES Datasheet(PDF) 110 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 106Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 107Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 108Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 109Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 110Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 111Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 112Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 113Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
LDO1_RUN_EN
LDO1 output control
0
Disabled
1
Enable
Table 140. LDO1 output control in RUN
The LDO1_STBY_EN bit is provided to enable or disable the LDO1 output during the STANDBY state, and its
default value is loaded from the OTP_LDO1_STBY_EN bit at power up.
LDO1_STBY_EN
LDO1 output control
0
Disabled
1
Enable
Table 141. LDO1 output control in STANDBY
The VLDO1_RUN[4:0] and VLDO1_STBY[4:0] bits are provided to set the output voltage of the LDO1
during the RUN and STANDBY states respectively. The default values for the VLDO1_RUN[4:0] and
VLDO1_STBY[4:0] bits are loaded from the respective OTP_VLDO1_RUN[4:0] and OTP_VLDO1_STBY[4:0]
bits at power up.
LDO output voltage can be changed during the RUN mode operation. Maximum voltage step at the transition is
+/-2 V.
VLDO1_RUN[4:0] VLDO1_STBY[4:0]
LDO1 output voltage
00000
0.75 V
00001
0.80 V
00010
0.85 V
00011
0.90 V
00100
0.95 V
00101
1.00 V
00110
1.05 V
00111
1.10 V
01000
1.15 V
01001
1.20 V
01010
1.25 V
01011
1.30 V
01100
1.35 V
01101
1.40 V
01110
1.45 V
01111
1.50 V
10000
1.80 V
10001
1.90 V
10010
2.00 V
10011
2.10 V
Table 142. LDO1 output voltage selection bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
110 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com