Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804D Datasheet(PDF) 4 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 4 Page - Microchip Technology

  LAN8804D Datasheet HTML 1Page - Microchip Technology LAN8804D Datasheet HTML 2Page - Microchip Technology LAN8804D Datasheet HTML 3Page - Microchip Technology LAN8804D Datasheet HTML 4Page - Microchip Technology LAN8804D Datasheet HTML 5Page - Microchip Technology LAN8804D Datasheet HTML 6Page - Microchip Technology LAN8804D Datasheet HTML 7Page - Microchip Technology LAN8804D Datasheet HTML 8Page - Microchip Technology LAN8804D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
LAN8804D
DS00003591K-page 4
© 2026 Microchip Technology Inc. and its subsidiaries
MDI
Medium Dependent Interface
MDIO
Management Data Input/Output
MDIX
Media Dependent Interface with crossover
MII
Media Independent Interface
MLT-3
Multi-Level Transmission Encoding (3-levels). A tri-level encoding method where a
change in the logic level represents a code bit “1” and the logic output remaining at the
same level represents a code bit “0”
N/A
Not Applicable
NC
No Connect
NLP
Normal Link Pulse
MMD
MDIO Manageable Device
MSE
Mean Squared Error
PAM5
5-level Pulse Amplitude Modulation
PCS
Physical Coding Sublayer
PEC
Packet-based Equipment Clock
PHY
Physical layer
PLL
Phase-Locked Loop
POR
Power On Ready
PTP
Precision Time Protocol
QSGMII
Quad Serial Gigabit Media Independent Interface
RESERVED
Refers to a reserved bit field or address. Unless otherwise noted, reserved bits must
always be zero for write operations. Unless otherwise noted, values are not guaran-
teed when reading reserved bits. Unless otherwise noted, do not read or write to
reserved addresses.
SerDes
Serializer/Deserializer
SFD
Start of Frame Delimiter. The 8-bit value indicating the end of the preamble of an
Ethernet frame.
SMD
Start mPacket Delimiter
SNR
Signal to Noise Ratio
SoC
System-on-Chip
SOF
Start of Frame
SPD
Start of Packet Delimiter. Used in QSGMII
Software Power-Down
TABLE 1-1:
GENERAL TERMS (CONTINUED)
Term
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com