Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804D Datasheet(PDF) 80 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 80 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 76Page - Microchip Technology LAN8804D Datasheet HTML 77Page - Microchip Technology LAN8804D Datasheet HTML 78Page - Microchip Technology LAN8804D Datasheet HTML 79Page - Microchip Technology LAN8804D Datasheet HTML 80Page - Microchip Technology LAN8804D Datasheet HTML 81Page - Microchip Technology LAN8804D Datasheet HTML 82Page - Microchip Technology LAN8804D Datasheet HTML 83Page - Microchip Technology LAN8804D Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
LAN8804D
DS00003591K-page 80
© 2026 Microchip Technology Inc. and its subsidiaries
FIGURE 7-3:
128-TQFP PACKAGE (LAND PATTERN)
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
9.10
9.10
MILLIMETERS
0.40 BSC
MIN
E
MAX
15.40
Contact Pad Length (X128)
Contact Pad Width (X128)
Y1
X1
1.50
0.20
NOM
C1
Contact Pad Spacing
15.40
Contact Pad to Contact Pad (X124)
G2
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact Pad to Center Pad (X128)
G1
2.40
128-Lead Thin Quad Flat Pack (ZMX) - 14x14x1.0 mm Body [TQFP]
With 9x9 mm Grooved Exposed Pad
Microchip Technology Drawing C04-2502 Rev B
C1
C2
E
X1
Y1
G1
G2
ØV
X2
Y2
EV
EV
SILK SCREEN
1
2
332
65
96
97
128
33
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com