Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804D Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 55Page - Microchip Technology LAN8804D Datasheet HTML 56Page - Microchip Technology LAN8804D Datasheet HTML 57Page - Microchip Technology LAN8804D Datasheet HTML 58Page - Microchip Technology LAN8804D Datasheet HTML 59Page - Microchip Technology LAN8804D Datasheet HTML 60Page - Microchip Technology LAN8804D Datasheet HTML 61Page - Microchip Technology LAN8804D Datasheet HTML 62Page - Microchip Technology LAN8804D Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
LAN8804D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00003591K-page 59
6.3
Power Consumption
This section details the power consumption of the device as measured during various modes of operation at typical
operating voltages. Power dissipation is impacted by temperature, supply voltage, and external source/sink require-
ments. All typical measurements were taken at +25°C unless otherwise noted.
Power consumption data is split into the following tables:
• Typical Four Port (1.21V, 3.3V, 3.3V) Power Consumption
• Typical Four Port (1.21V, 2.5V, 2.5V) Power Consumption
• Typical Four Port (1.21V, 2.5V, 1.8V) Power Consumption
Note 6-3
1.21V Total includes: VDDCORE, VDDAL_PLL, VDDAL_SERDES, VDDTXL_SERDES, VDDAL_CK125
Note 6-4
VDDAH Total includes: VDDAH, VDDAH_SERDES, VDDAH_PLL_PTP, VDDAH_ABPVT, VDD33REF,
VDDAH_Px
Note 6-5
VDDIO Total includes: VDDIO, VDDIO_1
TABLE 6-1:
TYPICAL FOUR PORT (1.21V, 3.3V, 3.3V) POWER CONSUMPTION
Device Conditions
1.21V
Total (mA)
(Note 6-3)
3.3V VDDAH
Total (mA)
(Note 6-4)
3.3V VDDIO
Total (mA)
(Note 6-5)
Total Device
Power (mW)
4 ports + QSGMII, 1000BASE-T Master link-up,
No traffic
758
362
8.6
2138
4 ports + QSGMII, 1000BASE-T Slave link-up,
no traffic
756
362
8.6
2137
4 ports + QSGMII, 100BASE-TX link-up,
no traffic
257
179
12
940
4 ports + QSGMII, 10BASE-T link-up,
no traffic
112
125
19.4
610
4 ports + QSGMII, 10BASE-Te link-up,
no traffic
111
125
19.4
610
4 ports + QSGMII, 1000BASE-T Master full-duplex,
100% utilization
781
361
9.3
2165
4 ports + QSGMII, 1000BASE-T Slave full-duplex,
100% utilization
783
361
9.3
2167
4 ports + QSGMII, 100BASE-TX full-duplex,
100% utilization
257
179
11.9
940
4 ports + QSGMII, 10BASE-T full-duplex,
100% utilization
112
185
19.3
807
4 ports + QSGMII, 10BASE-Te full-duplex,
100% utilization
111
200
19.3
857
4 ports + QSGMII, 1000BASE-T Master,
EEE Sleep state
222
240
8.4
1086
4 ports + QSGMII, 1000BASE-T Slave,
EEE Sleep state
222
240
8.4
1087
4 ports + QSGMII, 100BASE-TX,
EEE Sleep state
143
138
11.9
668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com