Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804D Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN8804D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804D Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN8804D Datasheet HTML 60Page - Microchip Technology LAN8804D Datasheet HTML 61Page - Microchip Technology LAN8804D Datasheet HTML 62Page - Microchip Technology LAN8804D Datasheet HTML 63Page - Microchip Technology LAN8804D Datasheet HTML 64Page - Microchip Technology LAN8804D Datasheet HTML 65Page - Microchip Technology LAN8804D Datasheet HTML 66Page - Microchip Technology LAN8804D Datasheet HTML 67Page - Microchip Technology LAN8804D Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
LAN8804D
DS00003591K-page 64
© 2026 Microchip Technology Inc. and its subsidiaries
TABLE 6-6:
VARIABLE I/O DC ELECTRICAL CHARACTERISTICS VDDIO = 3.3V/2.5V/1.8V
Parameter
Symbol
Min
Typ
1.8
Typ
2.5
Typ
3.3
Max
Unit
Note
VIS Type Input Buffer
Low Input Level
High Input Level
Schmitt Falling Trip Point
Schmitt Rising Trip Point
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = P_VSS or VDDIO)
Input Capacitance
(generic guess)
Effective Pull-Up Resistance
(VIN = P_VSS)
Effective Pull-Down
Resistance
(VIN = VDDIO)
VIL
VIH
VT-
VT+
VHYS
IIH
CIN
RPU
RPD
—
0.63xVDDIO
0.67
0.8
109.9
-10
—
58.9
58.7
—
—
0.8
0.94
149
—
—
70
70
—
—
1.1
1.25
148
—
—
—
—
—
—
1.46
1.62
164
—
—
—
—
0.39xVDDIO
1.68
1.85
219.4
10
3
83.7
84.5
V
V
V
V
mV
µA
pF
kΩ
kΩ
Note 6-8
VO12 Type Buffer
Low Output Level
High Output Level
Output Tri-State Leakage
VOL
VOH
IOZ
—
VDDIO-0.4
-10
—
—
—
0.4
—
10
V
V
µA
IOL = -12 mA
IOH = 12 mA
Note 6-8
VOD12 Type Buffer
Low Output Level
Output Tri-State Leakage
VOL
IOZ
—
-10
—
—
0.4
10
V
µA
IOL = -12 mA
Note 6-8
VOS12 Type Buffer
High Output Level
Output Tri-State Leakage
VOH
IOZ
VDDIO-0.4
-10
—
—
—
10
V
µA
IOH = 12 mA
Note 6-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com