Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADGM3144BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Data Sheet
ADGM3144
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 30
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
Insertion Loss
IL
RFx to RFC
0.31
dB
DC to 2.5GHz
0.55
dB
2.5GHz to 6GHz
0.85
dB
6GHz to 10GHz
2.3
dB
10GHz to 16GHz
6.1
dB
16GHz to 24GHz
Isolation
ISO
RFx to RFC, with at least one switch on
30
dB
DC to 2.5GHz
26
dB
2.5GHz to 6GHz
23
dB
6GHz to 10GHz
18
dB
10GHz to 16GHz
14
dB
16GHz to 24GHz
ISO
RFx to RFC, all switches are off
26
dB
DC to 2.5GHz
19
dB
2.5GHz to 6GHz
16
dB
6GHz to 10GHz
13
dB
10GHz to 16GHz
11
dB
16GHz to 24GHz
Crosstalk
CTK
RF1 to RFx, with RF1 to RFC on
31
dB
DC to 2.5GHz
25
dB
2.5GHz to 6GHz
20
dB
6GHz to 10GHz
16
dB
10GHz to 16GHz
12
dB
16GHz to 24GHz
Return Loss
RL
Measured at RFx
30
dB
DC to 2.5GHz
28
dB
2.5GHz to 6GHz
25
dB
6GHz to 10GHz
19
dB
10GHz to 16GHz
10
dB
16GHz to 24GHz
Third-Order Intermodulation Intercept
IIP3
70
dBm
Input: 2110MHz and 2170MHz, 3510MHz and
3570MHz; input power = 30dBm
Second Harmonic
HD2
−107
dBc
Input: 5.4MHz; input power = 0dBm
HD2
−88
dBc
Input: 150MHz, 800MHz; input power = 33dBm
Third Harmonic
HD3
−88
dBc
Input: 150MHz, 800MHz; input power = 33dBm
Total Harmonic Distortion
THD
−103
dBc
RL = 300Ω, f = 1kHz, RFx = 2.5V p-p
Total Harmonic Distortion Plus Noise
THD + N
−99
dBc
RL = 300Ω, f = 1kHz, RFx = 2.5V p-p
Maximum RF Power
33
dBm
RF power = CW, terminated into 50 Ω
termination; −40°C to +85°C
DC Signal Range
−6
+6
V
On switch DC input bias voltage signal range;
−40°C to +85°C
Stand Off voltage
−6
+6
V
−40°C to +85°C, this specification is applied
when the switch is in the off position with no RF
signal applied
Maximum DC Current
200
mA
−40°C to +85°C
On Switching Time4
tON
200
µs
50% INx to 90% (0.05dB of final IL value) RFx,
50 Ω termination, −40°C to 85°C See Figure 5
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com