Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 14Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 15Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 16Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 17Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Data Sheet
ADGM3144
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 14 of 30
Figure 31. Return Loss vs. Frequency over Temperature (Measuring from
RFC)
Figure 32. Off Isolation vs. Frequency (All Channels Off)
Figure 33. Off Isolation vs. Frequency over Temperature (All Channels Off)
Figure 34. Off Isolation vs. Frequency (One Channel On)
Figure 35. Off Isolation vs. Frequency over Temperature (One Channel On)
Figure 36. Crosstalk vs. Frequency (RF1 to RFC Is On)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com