Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 17Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 18Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 19Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 20Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 21Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
ADGM3144
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 30
SPI DIGITAL INTERFACE
The ADGM3144 can be controlled through an SPI digital interface
when Pin 19 (PIN/SPI) is high. SPI Mode 0 or Mode 3 can be
used with the device, and it operates with SCLK frequencies up to
10MHz. The default mode when the SPI is active is the addressable
mode, in which the devices registers are accessed by a 16-bit SPI
command bounded by the state of CS. The ADGM3144 can also
operate in the daisy-chain mode.
The SPI pins of the ADGM3144 are CS, SCLK, SDI, and SDO.
Hold CS low when using the SPI. Data is captured on SDI on
the rising edge of SCLK and data is propagated out on SDO
on the falling edge of SCLK. SDO has a push-pull output driver
architecture. So, it does not require pull-up resistors. When not
pulled low by the ADGM3144, SDO is in a high-impedance state.
Addressable Mode
The addressable mode is the default mode for the ADGM3144
upon power up. A single SPI frame in the addressable mode is
bound by a CS falling edge and the succeeding CS rising edge. It
comprises 16 SCLK cycles. Figure 58 shows the timing diagram for
addressable mode for SPI Mode 0.
The first SDI bit indicates if the SPI command is a read or write
command. The next seven bits determine the target register ad-
dress. The remaining eight bits provide the data to the addressed
register. The last eight bits are ignored during a read command as
during these clock cycles SDO propagates out the data contained
in the addressed register.
In Mode 0, during any SPI command, SDO sends out eight align-
ment bits on the CS falling edge and the first seven SCLK falling
edges (in Mode 3, the first SCLK falling edge is ignored, as shown
in Figure 59). The alignment bits observed at SDO are 0x25.
The target register address of an SPI command is determined on
the eighth SCLK rising edge. Data from this register propagates out
on SDO from the eighth to the fifteenth SCLK falling edge during
SPI reads. A register write occurs on the 16th SCLK rising edge
during SPI writes.
Figure 58. Addressable Mode Timing Diagram (Mode 0)
Figure 59. Addressable Mode Timing Diagram (Mode 3)
Daisy-Chain Mode
The connection of several ADGM3144 devices in a daisy-chain
configuration is possible. All devices share the same CS and SCLK
line while the SDO of a device forms a connection to the SDI of the
next device, creating a shift register. In the daisy-chain mode, SDO
is an 8-cycle delayed version of SDI.
The ADGM3144 may only enter the daisy-chain mode from the ad-
dressable mode by sending the 16-bit SPI command, 0x2500. See
Figure 60 for an example of this. When the ADGM3144 receives
this command, the SDO of devices sends out the same command.
This is because the alignment bits at SDO are 0x25. This allows
multiple daisy-connected devices to enter the daisy-chain mode
in a single SPI frame. A hardware reset is required to exit the
daisy-chain mode.
For the timing diagram of a typical daisy-chain SPI frame, see
Figure 61. When CS goes high, Device1 writes Command0 [7:0]
to its switch data register, Device 2 writes Command1 [7:0] to its
switches, and so on. The SPI block uses the last eight bits it
received through SDI to update the switches. After entering the
daisy-chain mode, the first eight bits sent out by SDO are 0x00.
When CS goes high, the internal shift register value does not reset
to zero.
An SCLK rising edge reads in data on SDI while data is propagated
out SDO on an SCLK falling edge. The expected number of SCLK
cycles should be a multiple of eight before CS goes high. When this
is not the case, the SPI sends the last eight bits received to the
switch data register.
Figure 60. SPI Command to Enter the Daisy-Chain Mode
Figure 61. Example of an SPI Frame When Three ADGM3144 are Connected
in the Daisy-Chain Mode
Hardware Reset
The digital section of the ADGM3144 goes through an initialization
phase during VDD power up. To hardware reset the part, power
cycle the VDD input. After power-up or a hardware reset, ensure
there is a minimum of 10µs from the time of power-up or reset
before any SPI command is issued. Ensure that VDD does not drop
out during the 10µs initialization phase because it may result in
incorrect operation of the ADGM3144.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com