Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 14Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 15Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 16Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
ADGM3144
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 30
Figure 25. Insertion Loss vs. Frequency over Temperature (RF1 to RFC, RF2
to RFC)
Figure 26. Insertion Loss vs. Frequency
Figure 27. Insertion Loss vs. Frequency over Temperature (RF1 to RFC, RF2
to RFC)
Figure 28. Return Loss vs. Frequency (Measuring from RF1, RF2, RF3, and
RF4)
Figure 29. Return Loss vs. Frequency over Temperature (Measuring from
RF1, RF2, RF3, and RF4)
Figure 30. Return Loss vs. Frequency (Measuring from RFC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com