Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA596DBVR Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA596DBVR
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596DBVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA596DBVR Datasheet HTML 12Page - Texas Instruments OPA596DBVR Datasheet HTML 13Page - Texas Instruments OPA596DBVR Datasheet HTML 14Page - Texas Instruments OPA596DBVR Datasheet HTML 15Page - Texas Instruments OPA596DBVR Datasheet HTML 16Page - Texas Instruments OPA596DBVR Datasheet HTML 17Page - Texas Instruments OPA596DBVR Datasheet HTML 18Page - Texas Instruments OPA596DBVR Datasheet HTML 19Page - Texas Instruments OPA596DBVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
6.3 Feature Description
6.3.1 MUX-Friendly Inputs
The OPAx596 use a unique input architecture to eliminate the need for input protection diodes but still provide
robust input protection under transient conditions. The conventional input diode protection schemes in Figure
6-1are activated by fast transient step responses, and potentially introduce signal distortion and settling time
delays because of alternate current paths; see also Figure 6-2. For low-gain circuits, these fast-ramping input
signals forward-bias back-to-back diodes that cause an increase in input current and result in extended settling
time.
OPA596
85V
~0.7V
VOUT
V+
V
Conventional Input Protection Limits Differential Input Range
OPA596 Provides Full 85V Differential Input Range
VIN+
VIN
VOUT
V+
V
VIN+
VIN
Figure 6-1. OPA596 Input Protection Does Not Limit Differential Input Capability
Input Low-Pass Filter
Ron_mux
CS
CS
CD
Sn
Sn+1
D
Simplified Mux Model
RFILT
RFILT
CFILT
CFILT
Vn = 10V
Vn+1 = –10V
10V
–10V
Buffer Amplifier
1
2
Idiode_transient
10V
~–9.3V
1
VIN+
VIN–
~0.7V
VOUT
2
–10V
Ron_mux
Figure 6-2. Back-to-Back Diodes Create Settling Issues
The OPAx596 feature a true high-impedance differential input capability for high-voltage applications. This
patented input protection architecture does not introduce additional signal distortion or delayed settling time,
making these devices an excellent choice for multichannel, high-switched, input applications. The OPAx596
tolerate a maximum differential swing (voltage between inverting and noninverting pins of the op amp) of up
to 85V, making these devices a great choice for use as a comparator or in applications with fast-ramping or
switched input signals.
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com