Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA596DBVR Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA596DBVR
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA596DBVR Datasheet HTML 2Page - Texas Instruments OPA596DBVR Datasheet HTML 3Page - Texas Instruments OPA596DBVR Datasheet HTML 4Page - Texas Instruments OPA596DBVR Datasheet HTML 5Page - Texas Instruments OPA596DBVR Datasheet HTML 6Page - Texas Instruments OPA596DBVR Datasheet HTML 7Page - Texas Instruments OPA596DBVR Datasheet HTML 8Page - Texas Instruments OPA596DBVR Datasheet HTML 9Page - Texas Instruments OPA596DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
5.6 Electrical Characteristics
at VS = 85V (±42.5V), TA = 25°C, RL = 10kΩ to mid-supply, and VCM = VOUT = mid-supply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±0.2
±1
mV
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C(1)
±1
±6
µV/°C
PSRR
Power supply rejection ratio
8V ≤ VS ≤ 85V
±1
±5
µV/V
INPUT BIAS CURRENT
IB
Input bias current(1)
±5
±15
pA
TA = –40°C to +85°C
±50
TA = –40°C to +125°C
±1
nA
IOS
Input offset current(1)
±5
±15
pA
TA = –40°C to +85°C
±50
TA = –40°C to +125°C
±1
nA
NOISE
Input voltage noise
f = 0.1Hz to 10Hz
1.4
µVPP
en
Input voltage noise density
f = 100Hz
17.8
nV/√Hz
f = 1kHz
12.9
f = 10kHz
12.8
in
Current noise density
f = 1kHz
7
fA/√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
Linear operation
(V–) – 0.1
(V+) – 3.5
V
CMRR
Common-mode rejection
(V–) ≤ VCM ≤ (V+) – 3.5V
120
140
dB
TA = –40°C to +125°C(1)
120
140
INPUT IMPEDANCE
Differential
100 || 2.5
MΩ || pF
Common-mode
10 || 5.5
GΩ || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 1V < VO < (V+) – 1.5V,
RL = 10kΩ to mid-supply(1)
134
140
dB
TA = –40°C to +125°C
120
140
(V–) + 3V < VO < (V+) – 3.5V,
RL = 2kΩ to mid-supply
116
126
OPA596
TA = –40°C to +125°C(1)
116
126
OPA2596
TA = –40°C to +125°C(1)
97
110
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
G = 1
2.25
MHz
G = 10
3
G = 100
3.75
SR
Slew rate
G = ±1, VO = 70V step
100
V/µs
tS
Settling time
To ±0.01%, G = 1, VO = 70V step, CL = 20pF
3
µs
Overload recovery
G = –10
115
ns
THD+N
Total harmonic distortion +
noise
G = +1, VO = 70VPP, f = 1kHz
RL = 10kΩ
–102
dB
RL = 2kΩ
–95
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com