Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA596DBVR Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA596DBVR
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596DBVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA596DBVR Datasheet HTML 21Page - Texas Instruments OPA596DBVR Datasheet HTML 22Page - Texas Instruments OPA596DBVR Datasheet HTML 23Page - Texas Instruments OPA596DBVR Datasheet HTML 24Page - Texas Instruments OPA596DBVR Datasheet HTML 25Page - Texas Instruments OPA596DBVR Datasheet HTML 26Page - Texas Instruments OPA596DBVR Datasheet HTML 27Page - Texas Instruments OPA596DBVR Datasheet HTML 28Page - Texas Instruments OPA596DBVR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
7.5 Layout
7.5.1 Layout Guidelines
For best operational performance of the device, use good printed circuit board (PCB) layout practices, including
the following guidelines:
• Noise can propagate into analog circuitry through the power pins of the op amp and the circuit as a
whole. Connect low-ESR, 0.1µF ceramic bypass capacitors between each supply pin and ground. Place
the capacitors as close to the device as possible. A single bypass capacitor from V+ to ground is sufficient for
single supply applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most effective
methods of noise suppression. One or more layers on multilayer PCBs are typically devoted to ground
planes. A ground plane helps distribute heat and reduces EMI noise pickup. Physically separate digital and
analog grounds paying attention to the flow of the ground current.
• To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better as opposed
to in parallel with the noisy trace.
• Place the external components as close to the device as possible.
• Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
• Clean the PCB following board assembly for best performance.
• Any precision integrated circuit can experience performance shifts due to moisture ingress into the plastic
package. Following any aqueous PCB cleaning process, bake the PCB assembly to remove moisture
introduced into the device packaging during the cleaning process. A low temperature, post cleaning bake
at 85°C for 30 minutes is sufficient for most circumstances.
7.5.1.1 Thermal Considerations
Through normal operation, the op amps can self-heat. Self-heating is a natural increase in the die junction
temperature that occurs in every amplifier. This self-heating is a result of several factors, including quiescent
power consumption, package thermal resistance, PCB layout, and device operating conditions.
Operate the OPAx596 within the rated junction temperature, TJ, range to avoid thermal shutdown. Use the
Equation 3 to determine the estimated TJ
TJ=PD × RθJA+TA
(3)
In a quiescent state, PD is given by the product of the power supply and the quiescent current of the op
amp. Equation 4 shows the calculation of TJ for the OPAx596 assuming an 85V power supply is used and an
operating temperature of 25°C.
TJ= 85V ×490μA ×165.4°CW+25°C
(4)
TJ=31.89°C
(5)
The low power consumption of the OPAx596 causes minimal self-heating even in a small SOT23-5 package as
given by Equation 5. In a loaded condition, PD is equal to addition of the quiescent power, PDQ and the power
dissipated by the output stage, PDL. The worst-case condition is given when the output voltage is equal to ½
of either supply rail (assuming symmetrical supplies, V+ and V-). In a worst-case condition, PDL is given by
Equation 6.
PDL= V+ 24×RL
(6)
www.ti.com
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com