Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA596DBVR Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA596DBVR
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596DBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA596DBVR Datasheet HTML 8Page - Texas Instruments OPA596DBVR Datasheet HTML 9Page - Texas Instruments OPA596DBVR Datasheet HTML 10Page - Texas Instruments OPA596DBVR Datasheet HTML 11Page - Texas Instruments OPA596DBVR Datasheet HTML 12Page - Texas Instruments OPA596DBVR Datasheet HTML 13Page - Texas Instruments OPA596DBVR Datasheet HTML 14Page - Texas Instruments OPA596DBVR Datasheet HTML 15Page - Texas Instruments OPA596DBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
5.7 Typical Characteristics (continued)
at TA = 25°C, VS = 85V, VCM = VOUT = mid-supply, and RL = 10kΩ (unless otherwise noted)
Time (2ms/div)
VIN
VOUT
Figure 5-25. No Phase Reversal
Time (250ns/div)
VIN
VOUT
Gain = −10
Figure 5-26. Positive Overload Recovery
Time (250ns/div)
VIN
VOUT
Gain = –10
Figure 5-27. Negative Overload Recovery
Frequency (Hz)
100
1000
10000
1
10
100
1k
10k
100k
1M
10M
100M
Figure 5-28. Open-Loop Output Impedance vs Frequency
Capacitance (pF)
0
20
40
60
80
10
100
1k
Riso = 0
Riso = 25
Riso = 50
Gain = −1
Figure 5-29. Small-Signal Overshoot vs Capacitive Load
Capacitance (pF)
0
20
40
60
80
10
100
1k
Riso = 0
Riso = 25
Riso = 50
Gain = +1
Figure 5-30. Small-Signal Overshoot vs Capacitive Load
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com