Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9377 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9377
Description  DUAL INTELLIGENT POWER LOW SIDE SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9377 Datasheet(HTML) 8 Page - STMicroelectronics

  L9377 Datasheet HTML 1Page - STMicroelectronics L9377 Datasheet HTML 2Page - STMicroelectronics L9377 Datasheet HTML 3Page - STMicroelectronics L9377 Datasheet HTML 4Page - STMicroelectronics L9377 Datasheet HTML 5Page - STMicroelectronics L9377 Datasheet HTML 6Page - STMicroelectronics L9377 Datasheet HTML 7Page - STMicroelectronics L9377 Datasheet HTML 8Page - STMicroelectronics L9377 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CIRCUIT DESCRIPTION
The L9377 is a dual low side driver for inductive
loads like valves in automotive environment. The
device is enabled by a common CMOS compat-
ible ENABLE high signal. The internal pull down
current sources at the ENABLE and INPUT pins
protect the device in open input conditions
against malfunctions. An output slope limitation
for du/dt is implemented to reduce the EMI. An in-
tegrated active flyback voltage limitation clamps
the output voltage during the flyback phase to
50V.
Each driver is protected against short circuit and
thermal overload. In short circuit condition the
output will be disabled after a short delay time
tDOL to suppress spikes. This disable is latched
until a negative slope occure at the correspondent
input pin. The thermal disable for TJ > 175°C of
the output will be reseted if the junction tempera-
ture decreases about 20°C below the disable
threshold temperature.
For the real time error diagnosis the voltage and
the current of the outputs are compared with in-
ternal fixed values VOUV for OFF and IOUC for ON
conditions to recognize open load (RL
≥ 20KΩ, RL
> 38
Ω) in ON and OFF conditions. The diagnostic
operates also in the extended supply voltage
range of 4.5V
≤ VS ≤ 32V.
Also the output voltages VO1,2 are compared
against each other in OFF condition with a fixed
offset of
∆VOUV 1,2 to recognize GND bypasses.
To suppress mail
∆VO diagnoses during the fly-
back phases of the compared output, the
∆VO di-
agnostic includes a latch function. Reaching the
flyback clamping voltage VOC the diagnostic sig-
nal is reseted by a latch. To activate again this
kind of diagnostic a low signal at the correspon-
dent INPUT or the ENABLE pin must occur (see
also Fig.3).
The diagnostic output level in connection with dif-
ferent ENABLE and INPUT conditions allows to
recognize different fail states, like overtemp, short
to VSS, short to GND, bypass to GND and
dis-
connected load (see also page 7 diagnostic ta-
ble).
The diagnostic output is also protected against
short to UDmax. Oversteping the over load current
threshold IOo, the output current will be limited in-
ternally during the diagnostic overload delay
switch-off time tDOL.
OUT1
OUT2
VS
Z VALVE
Z VALVE
V Batt
Channel 1
Channel 2
Output
Control
Overtemp
R
QS
Delay
Timer
Overload
Openload
GND
DIAG2
IN2
EN
DIAG1
IN1
Controller
+5V
R O
Diagnostic
Control
µ P
Figure 5: Application circuit diagram.
L9377
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com