Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9377 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9377
Description  DUAL INTELLIGENT POWER LOW SIDE SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9377 Datasheet(HTML) 5 Page - STMicroelectronics

  L9377 Datasheet HTML 1Page - STMicroelectronics L9377 Datasheet HTML 2Page - STMicroelectronics L9377 Datasheet HTML 3Page - STMicroelectronics L9377 Datasheet HTML 4Page - STMicroelectronics L9377 Datasheet HTML 5Page - STMicroelectronics L9377 Datasheet HTML 6Page - STMicroelectronics L9377 Datasheet HTML 7Page - STMicroelectronics L9377 Datasheet HTML 8Page - STMicroelectronics L9377 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5V
td on
td off
t
t
C
0.85VO
0.85VS
0.15VS
C
VS
S
S
U IN
U OUT
V
V
(IN)H
(IN)L
VO
on
off
V
t D
H-L Diag
t
V
DIAG
0.5V
D
D
VS-VO
C
C
VO UV
Figure 2: Output slope.
L9377
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com