Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9377 Datasheet (PDF) - STMicroelectronics

L9377 Datasheet PDF - STMicroelectronics
Part # L9377
Download  L9377 Download
File Size   69.29 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL INTELLIGENT POWER LOW SIDE SWITCH

L9377 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9377 Datasheet PDF - STMicroelectronics

Part # L9377
Download  L9377 Click to download

File Size   69.29 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL INTELLIGENT POWER LOW SIDE SWITCH

L9377 Datasheet (HTML) - STMicroelectronics


L9377 Product details

DESCRIPTION

The L9377 is a monolithic integrated dual low side driver realized in an advanced Multipower BCD mixed technology. It is especially intended to drive valves in automotive environment. Its in puts are µP compatible for easy driving. Particular care has been taken to protect the device against failures, to avoid electro-magnetic interferences and to offer extensive real time diagnostic.



DUAL POWER LOW SIDE DRIVER WITH 2 x 5A

LOW RDSONTYPICALLY 200mΩ@ TJ= 25°C

INTERNAL OUTPUT CLAMPING DIODES VFB=50V FOR INDUCTIVE RECIRCULATION

LIMITED OUTPUT VOLTAGE SLEW RATE FOR LOW EMI

µP COMPATIBLE ENABLE AND INPUT

WIDE OPERATING SUPPLY VOLTAGE RANGE 4.5V TO 45V

REAL TIME DIAGNOSTIC FUNCTIONS:

  - OUTPUT SHORTED TO GND

  - OUTPUT SHORTED TO VSS

  - OPEN LOAD

  - LOAD BYPASS

DEVICE PROTECTION FUNCTIONS:

  - OVERLOAD DISABLE

  - REVERSE BATTERY UP TO -16V @ VS

  - THERMAL SHUTDOWN




Similar Part No. - L9377

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9370 STMICROELECTRONICS-L9370 Datasheet
291Kb / 13P
Automotive IC for a specific application of electric parking braking
11-Jan-2019
L9370-TR STMICROELECTRONICS-L9370-TR Datasheet
291Kb / 13P
Automotive IC for a specific application of electric parking braking
11-Jan-2019
L9374 STMICROELECTRONICS-L9374 Datasheet
218Kb / 10P
Four channel valve driver
31-Jul-2007
L9374LF STMICROELECTRONICS-L9374LF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
L9374TRLF STMICROELECTRONICS-L9374TRLF Datasheet
1Mb / 80P
Four channel valve driver
30-Oct-2013
More results


Similar Description - L9377

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9386MD STMICROELECTRONICS-L9386MD Datasheet
97Kb / 10P
DUAL INTELLIGENT POWER LOW SIDE SWITCH
Jan-1995
L9386 STMICROELECTRONICS-L9386_08 Datasheet
156Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
L9386MD-TR STMICROELECTRONICS-L9386MD-TR Datasheet
165Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
logo
International Rectifier
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com