Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9377 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9377
Description  DUAL INTELLIGENT POWER LOW SIDE SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9377 Datasheet(HTML) 3 Page - STMicroelectronics

  L9377 Datasheet HTML 1Page - STMicroelectronics L9377 Datasheet HTML 2Page - STMicroelectronics L9377 Datasheet HTML 3Page - STMicroelectronics L9377 Datasheet HTML 4Page - STMicroelectronics L9377 Datasheet HTML 5Page - STMicroelectronics L9377 Datasheet HTML 6Page - STMicroelectronics L9377 Datasheet HTML 7Page - STMicroelectronics L9377 Datasheet HTML 8Page - STMicroelectronics L9377 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Value
Tj1
Value
Tj2
Unit
Min.
Typ.
Max.
Min.
Max.
IOOC
Over load current
threshold
b)
5
7
4
A
VOCL
Output voltage
during clamping
IOCL
≥ 100mA
455260
V
SON,OFF
Output (fall, rise)
slew rate
a) Fig. 2
200
1500
3200
200
3500
V/rms
RIO
Internal output pull
down resistor
VEN = L
102040
50
K
RDSON
Output on resistance
VS > 9.5V IO = 2A
Tj = 25
°C;
Tj = 150
°C
200
300
500
m
m
V(EN,IN)L
Logic input low
voltage
|IEN, IN|
≤ 10mA
-1.5
1
0.8
V
V(EN,IN)H
Logic input high
voltage
2
5.5
V
V(EN,IN)hys
Logic input
hysteresis
0.2
0.4
0.8
V
IEN
Enable input sink
current
1V
≤ VEN ≤ 5.5V
10
30
60
80
µA
IIN
Logic input sink
current
1V
≤ VIN ≤ 5.5V
40
95
180
240
µA
tD ON
Output delay ON
time
Fig. 2
4
25
µs
tD OFF
Output delay OFF
time
515
30
µs
tD H-L, Diag.
Diag. delay output
OFF time
565
90
µs
tD IOu
Diagnostic open
load delay time
Fig. 4
8
50
µs
tDOL
Diagnostic overload
delay switch-off time
Fig. 1
50
160
300
µs
a) 9V
≤ VS ≤ 16V (Nominal operating range)
RL
≤ 6Ω,
IO
≤ IOOC
b) 6.5V
≤ VS ≤ 16V (Diagnostic operation range)
c) 4.5V
≤ VS < 6.5V and 16V < VS ≤ 32V (Extended operation range)
1) Limit under evaluation.
L9377
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com