Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9386MD Datasheet (PDF) - STMicroelectronics

L9386MD Datasheet PDF - STMicroelectronics
Part # L9386MD
Download  L9386MD Download
File Size   97.41 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL INTELLIGENT POWER LOW SIDE SWITCH

L9386MD Datasheet (PDF)

Go To PDF Page Download Datasheet
L9386MD Datasheet PDF - STMicroelectronics

Part # L9386MD
Download  L9386MD Click to download

File Size   97.41 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL INTELLIGENT POWER LOW SIDE SWITCH

L9386MD Datasheet (HTML) - STMicroelectronics


L9386MD Product details

Description
The L9386 is a monolithic integrated dual low side driver realized in an advanced Multipower BCD mixed technology.
It is especially intended to drive valves in automotive environment. Its inputs are µP compatible for easy driving. Particular care has been taken to protect the device against failures, to avoid electro-magnetic interferences and to offer extensive real time diagnostic.

Features
■ Multipower BCD technology
■ Dual power low side driver with 2 x 5 A
■ Low RDSON typically 200 mΩ @ TJ = 25 °C
■ Internal output clamping diodes VFB = 50 V for inductive recirculation
■ Limited output voltage slew rate for low EMI
■ µP compatible enable and input
■ Wide operating supply voltage range 4.5 V to 45 V
■ Real time diagnostic functions:
    – Output shorted to GND
    – Output shorted to VSS
    – Open load
    – Load bypass
    – Over temperature
■ Device protection functions:
    – Overload disable
    – Reverse battery up to -16 V @ VS
    – Thermal shutdown




Similar Part No. - L9386MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9386MD STMICROELECTRONICS-L9386MD Datasheet
156Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
L9386MD STMICROELECTRONICS-L9386MD Datasheet
165Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
L9386MD-TR STMICROELECTRONICS-L9386MD-TR Datasheet
165Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
More results


Similar Description - L9386MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9377 STMICROELECTRONICS-L9377 Datasheet
69Kb / 9P
DUAL INTELLIGENT POWER LOW SIDE SWITCH
Jul-2000
L9386 STMICROELECTRONICS-L9386_08 Datasheet
156Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
L9386MD-TR STMICROELECTRONICS-L9386MD-TR Datasheet
165Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
logo
International Rectifier
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com