Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9386MD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9386MD
Description  DUAL INTELLIGENT POWER LOW SIDE SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9386MD Datasheet(HTML) 4 Page - STMicroelectronics

  L9386MD Datasheet HTML 1Page - STMicroelectronics L9386MD Datasheet HTML 2Page - STMicroelectronics L9386MD Datasheet HTML 3Page - STMicroelectronics L9386MD Datasheet HTML 4Page - STMicroelectronics L9386MD Datasheet HTML 5Page - STMicroelectronics L9386MD Datasheet HTML 6Page - STMicroelectronics L9386MD Datasheet HTML 7Page - STMicroelectronics L9386MD Datasheet HTML 8Page - STMicroelectronics L9386MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIAGNOSTIC TABLE (Operating range: 4.5V
≤ VS ≤ 32V)
Conditions
EN
IN
Out
Diag.
Normal function
L
H
H
X
L
H
off
off
on (*)
L
L
H
GND short
VOtyp < 0.55V
L
X
off
H
Load bypass
∆VO1,2 ≥ 1.25V
H
L
off
H
Open load
IOtyp < 320mA
H
H
on (*)
L
Tj typ
≥ 175°C
Oertemperature (**)
X
X
L
H
off
off
H
L
Latched Over load IOmin > 5A
X
H
off
L
Reset over load latch
X
D.C.
D.C.
(*) for 4.5V
≤ VS < 6.5V, IO ≤ 2A diag. table is valid.
(**) If one diag.status shows the overtemp. recognition, in parallel this output will be switched OFF internally. The corresponding channel should
be switched OFF additional by its Input or ENABLE signal, otherwise the overload latch will be set after tDOL is passed. This behaviour will
be related to the overdrop sensing which will be used as over load recognition.
5V
t
t
UI
IO
SC
5V
t
5A
td OL
UD
IO
IO
UC
Figure 1: Diagnostic overload delay time
L9386MD
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com