Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9386MD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9386MD
Description  DUAL INTELLIGENT POWER LOW SIDE SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9386MD Datasheet(HTML) 1 Page - STMicroelectronics

  L9386MD Datasheet HTML 1Page - STMicroelectronics L9386MD Datasheet HTML 2Page - STMicroelectronics L9386MD Datasheet HTML 3Page - STMicroelectronics L9386MD Datasheet HTML 4Page - STMicroelectronics L9386MD Datasheet HTML 5Page - STMicroelectronics L9386MD Datasheet HTML 6Page - STMicroelectronics L9386MD Datasheet HTML 7Page - STMicroelectronics L9386MD Datasheet HTML 8Page - STMicroelectronics L9386MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L9386MD
DUAL INTELLIGENT POWER LOW SIDE SWITCH
DUAL POWER LOW SIDE DRIVER WITH 2 x
5A
LOW RDSON TYPICALLY 200m
Ω @TJ =25°C
INTERNAL OUTPUT CLAMPING DIODES
VFB=50V FOR INDUCTIVE RECIRCULATION
LIMITED OUTPUT VOLTAGE SLEW RATE
FOR LOW EMI
µP COMPATIBLE ENABLE AND INPUT
WIDE
OPERATING
SUPPLY
VOLTAGE
RANGE 4.5V TO 45V
REAL TIME DIAGNOSTIC FUNCTIONS
- OUTPUT SHORTED TO GND
- OUTPUT SHORTED TO VSS
- OPEN LOAD
- LOAD BYPASS
- OVERTEMPERATURE
DEVICE PROTECTION FUNCTIONS
- OVERLOAD DISABLE
- REVERSE BATTERY UP TO -16V @ VS
- THERMAL SHUTDOWN
DESCRIPTION
The L9386MD is a monolithic integrated dual low
side driver realized in an advanced Multipower-
BCD mixed technology. It is especially intended
to drive valves in automotive environment. Its in-
puts are
µP compatible for easy driving. Particular
care
has
been taken to protect the device
against failures, to avoid electro-magnetic inter-
ferences and to offer extensive real time diag-
nostic.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
January 1995
OUT1
OUT2
VS
Channel 2
Output
Control
Overtemp
R
QS
Overload
Openload
GND
DIAG2
IN2
EN
IN1
R
O
Delay
Timer
Diagnostic
Control
Channel 1
DIAG1
BLOCK DIAGRAM
SO20 (12+4+4)
ORDERING NUMBER: L9386MD
MULTIPOWER BCD TECHNOLOGY
1/10


Similar Part No. - L9386MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9386MD STMICROELECTRONICS-L9386MD Datasheet
156Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
L9386MD STMICROELECTRONICS-L9386MD Datasheet
165Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
L9386MD-TR STMICROELECTRONICS-L9386MD-TR Datasheet
165Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
More results

Similar Description - L9386MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9377 STMICROELECTRONICS-L9377 Datasheet
69Kb / 9P
DUAL INTELLIGENT POWER LOW SIDE SWITCH
Jul-2000
L9386 STMICROELECTRONICS-L9386_08 Datasheet
156Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
L9386MD-TR STMICROELECTRONICS-L9386MD-TR Datasheet
165Kb / 14P
Dual intelligent power low side switch
16-Jul-2008
logo
International Rectifier
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com