Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9386MD Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9386MD
Description  DUAL INTELLIGENT POWER LOW SIDE SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9386MD Datasheet(HTML) 3 Page - STMicroelectronics

  L9386MD Datasheet HTML 1Page - STMicroelectronics L9386MD Datasheet HTML 2Page - STMicroelectronics L9386MD Datasheet HTML 3Page - STMicroelectronics L9386MD Datasheet HTML 4Page - STMicroelectronics L9386MD Datasheet HTML 5Page - STMicroelectronics L9386MD Datasheet HTML 6Page - STMicroelectronics L9386MD Datasheet HTML 7Page - STMicroelectronics L9386MD Datasheet HTML 8Page - STMicroelectronics L9386MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Value
Tj1
Unit
Min.
Typ.
Max.
ISSB
Static standby supply current
b)
c) VEN =L, VO
≤ VOuv
0.73
1.5
15
mA
mA
IS
DC supply current
b)
c) VEN =VIN =H
1.3
5
15
mA
mA
VDL
Diagnostic ouput low voltage
b) ID = 2mA
c) ID = 1mA
0.35
0.5
V
IDLE
Diagnostic output leakage
current
VS = 0V or VS = open;
VD = 5.5V Tj
≤ 125°C
0.1
2
µA
ID
Diagnostic output current
capability
VD
≤ 16V DIAG = L
2
6
30
mA
VOUV
Open load voltage threshold
VEN =X, VIN = L
0.51
xVS
0.55
xVS
0.59
xVS
V
∆VOUV1,2
Open load difference voltage
threshold
b) VEN = X, VIN1,2 =L
VS
≥ VOC ≥ VOUV
VOC = output voltage of other
channel
c)
VOC-
0.9V
VOC-
0.7V
VOC-
1.25V
VOC-
1.25V
VOC-
1.6V
VOC-
1.8V
V
1)
V
IOUC
Open load current threshold
a) VEN =VIN =H
c)
100
20
320
480
mA
mA
IOOC
Over load current threshold
b)
5
7
A
VOCL
Output voltage during clamping
IOCL
≥ 100mA
45
52
60
V
SON,OFF
Output (fall, rise) slew rate
a) Fig. 2
200
1500
3200
V/ms
RIO
Internal output pull down resistor
VEN = L
10
20
40
K
Ω
RDSON
Output on resistance
VS > 9.5V IO = 2A
Tj =25
°C
Tj = 150
°C
200
300
500
m
Ω
m
Ω
V(EN,IN)L
Logic input low voltage
|IEN, IN|
≤ 10mA
b)
c)
-1.5
-1.5
1
0.5
V
V
V(EN,IN)H
Logic input high voltage
2.2
5.5
V
V(EN,IN)hys
Logic input hysteresis
0.2
0.4
1
V
IEN
Enable input sink current
1V
≤ VEN ≤ 5.5V
10
30
60
µA
IIN
Logic input sink current
1V
≤ VIN ≤ 5.5V
40
95
180
µA
tDON
Output delay ON time
a) Fig. 2
4
25
µs
tD OFF
Output delay OFF time
a) Fig. 2
5
15
30
µs
tD H-L, Diag.
Diag. delay output OFF time
a) Fig. 2
5
30
65
µs
tD IOu
Diagnostic open load delay time
a) Fig. 4
8
50
µs
tDOL
Diagnostic overload delay
switch-off time
a) Fig. 1
50
160
300
µs
a) 9V
≤ VS ≤ 16V (Nominal operating range)
RL
≤ 6Ω,
IO
≤ IOOC
b) 6.5V
≤ VS ≤ 16V (Diagnostic operation range)
c) 4.5V
≤ VS < 6.5V and 16V < VS ≤ 32V (Extended operation range)
1) Limit under evaluation.
L9386MD
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com