Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9386MD Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9386MD
Description  DUAL INTELLIGENT POWER LOW SIDE SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9386MD Datasheet(HTML) 2 Page - STMicroelectronics

  L9386MD Datasheet HTML 1Page - STMicroelectronics L9386MD Datasheet HTML 2Page - STMicroelectronics L9386MD Datasheet HTML 3Page - STMicroelectronics L9386MD Datasheet HTML 4Page - STMicroelectronics L9386MD Datasheet HTML 5Page - STMicroelectronics L9386MD Datasheet HTML 6Page - STMicroelectronics L9386MD Datasheet HTML 7Page - STMicroelectronics L9386MD Datasheet HTML 8Page - STMicroelectronics L9386MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS (no damage or latch)
Symbol
Parameter
Value
Unit
VSDC
DC supply voltage
-16 to 45
V
VSTR
Transient supply voltage ( t
≤ 500ms )
60
V
VIN,EN
Input voltage ( |
≤ | 10mA | )
-1.5 to 6
V
VDDC
Diagnostic DC output voltage ( |
≤ | 50mA | )
-0.3 to 16
V
VODC
DC output voltage
45
V
VOTR
Transient output voltage ( RL
≥ 4Ω )60
V
IO
Output load current
internal limited
IOR
Reverse output current limited by load
-4
A
EO
Switch-off energy for inductive loads (tEO = 250
µs, T = 5ms)
50
mJ
TjEO
Junction temperature during switch-off
∑t = 30min
175
°C
Tj
Junction temperature
-40 to +150
°C
Ta
Storage temperature
-55 to +150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
TjDIS
Thermal disable junction temperature threshold
160 to 190
°C
Rth j-pins
Thermal resistance junction to pins
14
°C/W
ELECTRICAL CHARACTERISTICS (Operating Range) - The electrical characteristics are valid within
the below defined operative range, unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Board supply voltage
4.5
12
32
V
VD
Stabilized diagnostic output
voltage
-0.3
5
16
V
Tj
Junction Temperature
-40
150
°C
IN1
OUT2
GND
GND
GND
GND
N.C.
EN
VS
GND
GND
GND
GND
N.C.
DIAG1
IN2
OUT1
N.C.
N.C.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIAG2
PIN CONNECTION (Top view)
L9386MD
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com