Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9610C Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9610C
Description  PWM POWER MOS CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9610C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9610C Datasheet HTML 4Page - STMicroelectronics L9610C Datasheet HTML 5Page - STMicroelectronics L9610C Datasheet HTML 6Page - STMicroelectronics L9610C Datasheet HTML 7Page - STMicroelectronics L9610C Datasheet HTML 8Page - STMicroelectronics L9610C Datasheet HTML 9Page - STMicroelectronics L9610C Datasheet HTML 10Page - STMicroelectronics L9610C Datasheet HTML 11Page - STMicroelectronics L9610C Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
APPLICATION CIRCUIT
Figure 4.
Note : All node voltages are referred to ground pin (GND)
The currents flowing in the arrow direction are assumed positive
without CBS :CP = 1nF
without CBS :CBS must be at least 10 times higher than the gate capacitance : CP = 100 pF.
CONTROLLING A 120W HALOGEN LAMP WITH
THE L9610C/11C DIMMER
The L9610C/11C Lamp Dimmer is used to control
the brightness of vehicle headlamps using H4 type
lamps (see fig. 5). With switch S1 open the full sup-
ply voltage is applied to the lamps : closing the
switch it is a possible to reduce the average lamp
voltage as desired :
R3
VL = VS
R2 + R3
If pin 5 is connected to ground the average lamp
voltage is constant, even for supply voltages in ex-
cess of 13 V.
L9610C - L9611C
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com