Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9610C Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9610C
Description  PWM POWER MOS CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9610C Datasheet(HTML) 3 Page - STMicroelectronics

  L9610C Datasheet HTML 1Page - STMicroelectronics L9610C Datasheet HTML 2Page - STMicroelectronics L9610C Datasheet HTML 3Page - STMicroelectronics L9610C Datasheet HTML 4Page - STMicroelectronics L9610C Datasheet HTML 5Page - STMicroelectronics L9610C Datasheet HTML 6Page - STMicroelectronics L9610C Datasheet HTML 7Page - STMicroelectronics L9610C Datasheet HTML 8Page - STMicroelectronics L9610C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PIN FUNCTIONS
Pin
Name
Functions
1
INT
A Capacitor Connected Between this Pin and OutG Defines the GATE
Voltage Slew Rate.
2
IN
Analog Input Controlling the PWM Ratio. The operating range of the input
voltage is 0 to VR.
3VR
Output of an Internal Voltage Reference
4
EN
TTL Compatible Input for Switching off the Output.
5
PWL
If this Pin is Connected to GND and VS > 13 V, the Duty Cycle and the
Frequency fo are Reduced : this Allows to Transfer a Costant Power to the
Load.
6
Osc
Current Sink and Source Stage Connection of a Triangle Oscillator with
Definite Voltage Swing.
7
IND
Input of an Operational Amplifier for Short Current Sensing and Regulation.
8
NC
Not Connected.
9VS
Common Supply Voltage Input
10
GND
Common Ground Connection
11
TIM
A Capacitor Connected Between this Pin and GND Defines the Protection
Delay Time.
12
MON
Open Collector Monitoring Output off the PowerMOS Protection.
13,15
P2, P1
Connection for the Charge Pump Capacitor.
14
BS
The Capacitor Connected Between thisPin and theSource of the Power MOS
Allows to Bootstrap the Gate Driving Voltage.
16
Out G
Output for Driving the Gate of the External PowerMOS.
L9610C - L9611C
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com