Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9610C Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9610C
Description  PWM POWER MOS CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9610C Datasheet(HTML) 2 Page - STMicroelectronics

  L9610C Datasheet HTML 1Page - STMicroelectronics L9610C Datasheet HTML 2Page - STMicroelectronics L9610C Datasheet HTML 3Page - STMicroelectronics L9610C Datasheet HTML 4Page - STMicroelectronics L9610C Datasheet HTML 5Page - STMicroelectronics L9610C Datasheet HTML 6Page - STMicroelectronics L9610C Datasheet HTML 7Page - STMicroelectronics L9610C Datasheet HTML 8Page - STMicroelectronics L9610C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Max. Supply Voltage
26
V
Transient Peak Supply Voltage (R1
≥ 100Ω):
Load Dump:
5ms
≤ trise ≤ 10ms; τf Fall Time Constant = 100ms; RSOURCE ≥ 0.5Ω
Field Decay:
5ms
≤ tfall ≤ 10ms; τr Rise Time Constant = 33ms; RSOURCE ≥ 10Ω
Low Energy Spike: trise =1
µs, tfall = 2ms, RSOURCE ≥ 10Ω
60
–80
±100
V
V
V
IS
Max. Supply Current (t < 300 ms)
0.3
A
VIN
Input Voltage
–0.3 < VIN <VS – 2.5
V
TJ/Tstg
Junction and Storage Temperature Range
– 55 to 150
°C
THERMAL DATA
Symbol
Parameter
SO16
DIP16
Value
Rth j-amb
Thermal Resistance Junction-alumina
Max
50
90
°C/W
L9610C - L9611C
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com