Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9610C Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9610C
Description  PWM POWER MOS CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9610C Datasheet(HTML) 4 Page - STMicroelectronics

  L9610C Datasheet HTML 1Page - STMicroelectronics L9610C Datasheet HTML 2Page - STMicroelectronics L9610C Datasheet HTML 3Page - STMicroelectronics L9610C Datasheet HTML 4Page - STMicroelectronics L9610C Datasheet HTML 5Page - STMicroelectronics L9610C Datasheet HTML 6Page - STMicroelectronics L9610C Datasheet HTML 7Page - STMicroelectronics L9610C Datasheet HTML 8Page - STMicroelectronics L9610C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISITCS (Tamb =– 40
°Cto 85 °C; 6 V <VS < 16 V unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
6
16
V
Iq
Quiescent Current
2.5
6
mA
VSC
Internal Supply Voltage Clamp
IS = 200mA
28
32
36
V
VSH
Supply Voltage High Threshold
16
18.5
21
V
VSL
Supply Voltage Low Threshold
4
5
6
V
VR
Reference Voltage
3.3
3.5
3.7
V
IR
Reference Current
∆VR ≤ 100mV
1
mA
VINL
Input Low Threshold
0.13
0.15
0.2
VIN/VR
KF
Oscillator Freq. Constant
Note 1
800
2500
nF/s
KS
Gate Voltage Slew Rate
Constant
Note 2
3
5
9
nFV/ms
KT
Protection Time Delay Constant
Note 3
0.12
0.44
ms/nF
VSi
Sense Input Volt.
80
100
120
mV
VGON
Gate Driving Volt. above VS
VS = 16V
8
16
V
VGOFF
Gate Voltage in OFF Condition
IG = 100
µA
1.2
V
IIN
Input Current
– 5
– 1
µA
VENL
Low Enable Voltage
0.8
V
VENH
High Enable Voltage
2.0
V
IEN
Enable Input Current
2
µA
SR
Slew Rate
Without CS
0.5
V/
µs
VMONsat
Saturation Voltage (pin 12)
IMON = 2.5 mA
1.5
V
Notes :
1. fo =KF/CF.
2. dVG/dt = Ks/Cs.
3. tprot =KT CT.
FUNCTIONAL DESCRIPTION
PULSE WIDTH COMPARATOR
A ground compatible comparator generates the
PWM signal which controls the gate of the external
powerMOS.
The slopes of the leading and trailing edges of the
gate driving signal are defined by the external ca-
pacitor CS according to :
dVG/dt = KS/CS
This feature allows to optimize the switching speed
for the power and RFI performance best suited for
the application.
The lower limit of the duty cycle is fixed at 15 % of
the ratio between the input and the reference vol-
tage (see fig. 1). Input voltages lower than this value
disable the internal oscillator signal and therefore
the gate driver.
GROUND COMPATIBLE TRIANGLE
OSCILLATOR
The triangle oscillator provides the switching fre-
quency fo set by the external capacitorCF according
to :
fo =KF/CF
If the pin PWL (power limitation) is connected to
ground and Vs is higher than the PWL threshold
voltage, the duty cycle and the fo frequency are re-
duced : this allows to transfer a costant power to the
load (see fig. 2).
TIMER AND PROTECTION LATCH
When an overcurrent occurs, the device starts
charging the external capacitor CT ; the protection
time is set according to :
tprot =KT . CT
L9610C - L9611C
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com