Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9704 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9704
Description  OCTAL SUPPLY CONTACT MONITORING CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9704 Datasheet(HTML) 3 Page - STMicroelectronics

  L9704 Datasheet HTML 1Page - STMicroelectronics L9704 Datasheet HTML 2Page - STMicroelectronics L9704 Datasheet HTML 3Page - STMicroelectronics L9704 Datasheet HTML 4Page - STMicroelectronics L9704 Datasheet HTML 5Page - STMicroelectronics L9704 Datasheet HTML 6Page - STMicroelectronics L9704 Datasheet HTML 7Page - STMicroelectronics L9704 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (5V
≤ VS ≤ 25V; -40°C ≤ Tj ≤ 125°C; 4.75V ≤ VCC ≤ 5.25V unless
otherwise specified; the currents flowing in the arrow direction are assumed positive as marked in the
application circuit diagram, fig. 1).
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VENL
Enable Input Voltage LOW
(device activated)
0.8
V
VENH
Enable Input Voltage HIGH
2.4
V
VEN hyst Enable Input Hysteresis
200
300
800
mV
IEN
Enable Input Current
2.4V < VEN <VCC
5
µA
0V < VEN < 0.8V
-5
-1
µA
VOUTH
Output Voltage HIGH
0 < IOUT < 100
µA
4.0
VCC -0.1
VCC
V
VOUTL
Output Voltage LOW
IOUT = -1mA
0.05
0.2
0.4
V
IOUT TS
Output TRISTATE Current
0 < VOUT <VCC
0.5
µA
VIN
Input Voltage (device active)
EN = LOW
RIN =1k
Ω
0.4
1.5
2
V
VIN
Input Voltage During Clamping
(device disabled)
EN = HIGH
IIN = 30mA
IIN = -30mA
VS + 0.3
-2
VS +1
-1
VS +2
-0.3
V
V
IOUT
Output Current
OUT = HIGH
VOUT =0
2mA
IOUT
Output Current
OUT = LOW
VOUT = 5.5V
-20
mA
RIL
Input Resistor (note 1)
LOW Threshold
5V < VS < 16V
∆ VGND ≤ 0.1VS
1.1
4.8
K
Ω
RIH
Input Resistor (note 1)
HIGH Threshold
6.5
29
K
Ω
Input Resistor
Threshold Ratio (note1)
0.65
0.75
0.85
IQC
Quiescent Current
EN = HIGH (tENH
≥ 80µs)
5V < VS < 16V
-40
°C ≤ Tj ≤ 100°C
All Inputs Open
0.12
0.16
mA
IQS
0.04
mA
SIIN 2)
Input Leakage Current
All Inputs Closed VBAT
≤ VD1
0.24
mA
IQC
IQS
Quiescent Current
EN = LOW
13
2
mA
mA
tdo
Delay Time/Output
(EN LOW to output data ready)
COUT
≤ 50pF
15
+3RIN CIN
µs
tdTS
Delay Time/Tristate
(EN HIGH to output TRISTAT E)
COUT
≤ 50pF
10
µs
Notes :
1. The input resi stor threshold valu e is a resistor value from the IN–pin to battery at which the corresponding output changes
itsstatus(see fig. 3)
2: SIIN is the sum of the in put curr ents SIIN =
∑
i
= 1
8
IIN1.
RIL
RIH
L9704
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com