Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9704 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9704
Description  OCTAL SUPPLY CONTACT MONITORING CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9704 Datasheet(HTML) 4 Page - STMicroelectronics

  L9704 Datasheet HTML 1Page - STMicroelectronics L9704 Datasheet HTML 2Page - STMicroelectronics L9704 Datasheet HTML 3Page - STMicroelectronics L9704 Datasheet HTML 4Page - STMicroelectronics L9704 Datasheet HTML 5Page - STMicroelectronics L9704 Datasheet HTML 6Page - STMicroelectronics L9704 Datasheet HTML 7Page - STMicroelectronics L9704 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
APPLICATION CIRCUIT DIAGRAM
Figure 1 : Typical application diagram for the L9704 circuit. The current flowing in the arrow direction is as-
sumed positive. The external capacitors CIN and COUT represent the total wiring capacitance at
the corresponding pins.
FUNCTIONAL DESCRIPTION
The L9704 circuit monitors the status of the contacts
connectedto battery and through the series external
resistors RIN to the contact sense input pins. The
contacts equivalent circuit is supposed to be as
shown in fig. 2.
The L9704 circuit compares the input current with
the current through the internal reference resistor.
The device is designed to work with an externalinput
series resistor of RIN1-8 =1k
Ω. With thisinputresistor
the contact current, when the contact is closed and
the device activated (EN = LOW) is
VBAT +
∆VBAT –2V
IIN =
1K
Ω
(1)
For this calculation the limit value of the VIN (satura-
tion voltage of 2V) was considered so that the lowest
limit value of IIN is calculated in (1).
The function of the circuit can be demonstrated with
the transfer characteristics, showing the output
status as a function of the input resistor RI, shown
in figure 3. The input resistor is a sum of the RIN and
the contactresistance RCON or RCOFF, for the closed
contact :
RI =RIN +RCON,
(2)
and for the open contact :
RI =RIN +RCOFF.
(3)
The output goes HIGH when the input resistance in-
creases above 6.5k
Ω (typicalvalue) and goesLOW,
when the input resistance decreases below 4.8K
Ω
(typical value). The limit values of RI = 1.1K
Ω for
LOW and RI = 29k
Ω for HIGH implies that a contact
with RCON =100
Ω (at IIN = 10mA) will be recognized
as ON = LOW and a contact with RCOFF =28k
Ω will
be recognized as OFF = HIGH. These limits are
valid within the supply voltage range 5V
≤ Vs ≤ 16V,
the
battery
voltage
potential
difference
of
∆VBAT≤ 0.1VBAT andthe variation ofthereverse
battery protection diode D1 voltage from 0.5V to 1V.
L9704
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com