Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9704 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9704
Description  OCTAL SUPPLY CONTACT MONITORING CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9704 Datasheet(HTML) 5 Page - STMicroelectronics

  L9704 Datasheet HTML 1Page - STMicroelectronics L9704 Datasheet HTML 2Page - STMicroelectronics L9704 Datasheet HTML 3Page - STMicroelectronics L9704 Datasheet HTML 4Page - STMicroelectronics L9704 Datasheet HTML 5Page - STMicroelectronics L9704 Datasheet HTML 6Page - STMicroelectronics L9704 Datasheet HTML 7Page - STMicroelectronics L9704 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The internal clamping diodes at the contact monitor-
ing inputs, together with the external contact series
resistors RIN, allows the device to withstand tran-
sients at the contact connection. The contact series
resistor RIN limits the input current at the transient.
The dynamic behaviour of the circuit is defined by
the times tdo and tdTS. When the contact becomes
open, the input capacitor CIN must be charged
through the resistor RIN. In this case the total delay
time may also be influenced by the time constant RIN
CIN. The delay time tdTS, when disabling the device
is defined only by the internal circuitry. In bothcases,
an externaloutput capacitanceless than 50pF is as-
sumed, the internal output capacitances of the
three-state buffers are less than 5pF.
Figure 2 : The Contact Sense Input Connection with the Contact Equivalent Circuit.
Figure 3 : The Output Voltage as a Function of the Input Resistance at the Corresponding Contact Sense
Input.
L9704
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com