Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9704 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9704
Description  OCTAL SUPPLY CONTACT MONITORING CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9704 Datasheet(HTML) 1 Page - STMicroelectronics

  L9704 Datasheet HTML 1Page - STMicroelectronics L9704 Datasheet HTML 2Page - STMicroelectronics L9704 Datasheet HTML 3Page - STMicroelectronics L9704 Datasheet HTML 4Page - STMicroelectronics L9704 Datasheet HTML 5Page - STMicroelectronics L9704 Datasheet HTML 6Page - STMicroelectronics L9704 Datasheet HTML 7Page - STMicroelectronics L9704 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L9704
March 1992
OCTAL SUPPLY CONTACT MONITORING CIRCUIT
.
OPERATING DC SUPPLY VOLTAGE RANGE
5V TO 25V
.
SUPPLY OVERVOLTAGE PULSE UP TO 40V
.
VERY LOW STANDBY QUIESCENT CUR-
RENT 0.2mA
.
INTERNAL CLAMPING DIODES AT CONTACT
INPUTS TO VS AND GND
.
INPUT PULSE CURRENT CAPABILITY UP TO
+ 50mA, – 75mA
.
NOMINAL CONTACT CURRENTS OF 10mA
DEFINED BY EXTERNAL CONTACT SERIES
RESISTORS RIN1-8
.
CONTACT STATUS MONITORING BY COM-
PARING THE RESISTANCE AT CONTACT
SENSEINPUTS WITH THE INTERNAL REFER-
ENCE RESISTOR VALUE
.
HIGH IMMUNITY DUE TO RESISTANCE COM-
PARISON WITH HYSTERESIS
ORDERING NUMBERS: L9704 (DIP–20)
L9704D (SO–20L)
DIP–20
SO–20L
DESCRIPTION
The L9704 is a bipolar monolithic integrated circuit
for monitoring the status of up to eight contactscon-
nected to the power supply (battery).
It contains eight contact sense inputs and eight mi-
crocomputer compatible three-state outputs.
BLOCK DIAGRAM
1/8


Similar Part No. - L9704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
L9700 STMICROELECTRONICS-L9700 Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700DTR-E STMICROELECTRONICS-L9700DTR-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
More results

Similar Description - L9704

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9703 STMICROELECTRONICS-L9703 Datasheet
169Kb / 9P
OCTAL GROUND CONTACT MONITORING CIRCUIT
Mar-1992
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
logo
Analog Devices
ADM9690 AD-ADM9690 Datasheet
76Kb / 6P
Power Supply and Watchdog Timer Monitoring Circuit
REV.A
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
PC Power Supply Outputs Monitoring IC
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
PC Power Supply Output Monitoring IC
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
logo
Integral Corp.
IN1705D INTEGRAL-IN1705D Datasheet
150Kb / 6P
POWER SUPPLY CHECK MICROCIRCUIT WITH HOST PRIMARY SUPPLY MONITORING CIRCUIT
logo
Toshiba Semiconductor
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
Analog Devices
ADM9690 AD-ADM9690_15 Datasheet
83Kb / 6P
Power Supply and Watchdog Timer Monitoring Circuit
REV. A
logo
Texas Instruments
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
ANALOG MONITORING AND CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com