Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C192 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C192
Description  64K x 4 Static RAM with Separate IO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C192 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C192 Datasheet HTML 1Page - Cypress Semiconductor CY7C192 Datasheet HTML 2Page - Cypress Semiconductor CY7C192 Datasheet HTML 3Page - Cypress Semiconductor CY7C192 Datasheet HTML 4Page - Cypress Semiconductor CY7C192 Datasheet HTML 5Page - Cypress Semiconductor CY7C192 Datasheet HTML 6Page - Cypress Semiconductor CY7C192 Datasheet HTML 7Page - Cypress Semiconductor CY7C192 Datasheet HTML 8Page - Cypress Semiconductor CY7C192 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C192
Document #: 38-05047 Rev. *D
Page 4 of 9
Figure 2. AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1 481
Ω
R2
255
Ω
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
< 3 ns
< 3 ns
5V
OUTPUT
R1 481
Ω
R2
255
Ω
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.73V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
167
Ω
Switching Characteristics
Over the Operating Range[4]
-15
Parameter
Description
Min
Max
Unit
Read Cycle
tRC
Read Cycle Time
15
ns
tAA
Address to Data Valid
15
ns
tOHA
Output Hold from Address Change
3
ns
tACE
CE LOW to Data Valid
15
ns
tLZCE
CE LOW to Low Z[5]
3
ns
tHZCE
CE HIGH to High Z[5,6]
7
ns
tPU
CE LOW to Power Up
0
ns
tPD
CE HIGH to Power Down
15
ns
Write Cycle[7]
tWC
Write Cycle Time
15
ns
tSCE
CE LOW to Write End
10
ns
tAW
Address Setup to Write End
10
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Setup to Write Start
0
ns
tPWE
WE Pulse Width
9
ns
tSD
Data Setup to Write End
9
ns
tHD
Data Hold from Write End
0
ns
tLZWE
WE HIGH to Low Z[5]
3
ns
tHZWE
WE LOW to High Z[5, 6]
7
ns
Notes
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified IOL/IOH
and 30-pF load capacitance.
5. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZW\E is less than tLZWE for any given device. These parameters are guaranteed by design and
not 100% tested.
6. tHZCE and tHZWE are specified with CL = 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
7. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can terminate
a write by going HIGH. The data input setup and hold timing must be referenced to the rising edge of the signal that terminates the write.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com