Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C192 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C192
Description  64K x 4 Static RAM with Separate IO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C192 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C192 Datasheet HTML 1Page - Cypress Semiconductor CY7C192 Datasheet HTML 2Page - Cypress Semiconductor CY7C192 Datasheet HTML 3Page - Cypress Semiconductor CY7C192 Datasheet HTML 4Page - Cypress Semiconductor CY7C192 Datasheet HTML 5Page - Cypress Semiconductor CY7C192 Datasheet HTML 6Page - Cypress Semiconductor CY7C192 Datasheet HTML 7Page - Cypress Semiconductor CY7C192 Datasheet HTML 8Page - Cypress Semiconductor CY7C192 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C192
Document #: 38-05047 Rev. *D
Page 3 of 9
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1]
........................................ −0.5V to V
CC + 0.5V
DC Input Voltage[1]
.................................... −0.5V to V
CC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage............................................. >900V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Operating Range
Range
Ambient
Temperature[2]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
-15
Min
Max
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3V
V
VIL
Input LOW Voltage[1]
−0.5
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
−5+5
μA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
−5+5
μA
ICC
VCC Operating
Supply Current
VCC = Max., IOUT = 0 mA,
f = fMAX = 1/tRC
145
mA
ISB1
Automatic CE Power Down
Current—TTL Inputs
Max. VCC, CE > VIH, VIN > VIH or
VIN < VIL, f = fMAX
30
mA
ISB2
Automatic CE Power Down
Current—CMOS Inputs
Max. VCC, CE > VCC − 0.3V,
VIN > VCC − 0.3V or VIN < 0.3V, f = 0
10
mA
Capacitance
Parameter
Description
Test Conditions
Max
Unit
CIN
[3]
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8
pF
COUT
[3]
Output Capacitance
10
pF
Notes
1. Minimum voltage is equal to –2.0V for pulse durations of less than 20 ns.
2. TA is the case temperature.
3. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com