Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C192 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C192
Description  64K x 4 Static RAM with Separate IO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C192 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C192 Datasheet HTML 1Page - Cypress Semiconductor CY7C192 Datasheet HTML 2Page - Cypress Semiconductor CY7C192 Datasheet HTML 3Page - Cypress Semiconductor CY7C192 Datasheet HTML 4Page - Cypress Semiconductor CY7C192 Datasheet HTML 5Page - Cypress Semiconductor CY7C192 Datasheet HTML 6Page - Cypress Semiconductor CY7C192 Datasheet HTML 7Page - Cypress Semiconductor CY7C192 Datasheet HTML 8Page - Cypress Semiconductor CY7C192 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CY7C192
64K x 4 Static RAM with Separate IO
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-05047 Rev. *D
Revised February 15, 2008
Features
■ High speed
❐ 15 ns
■ CMOS for optimum speed/power
■ Low active power
❐ 860 mW
■ Low standby power
❐ 55 mW
■ TTL-compatible inputs and outputs
■ Automatic power down when deselected
■ Available in Pb-free and non Pb-free 28-Pin Molded SOJ
package
Functional Description
The CY7C192 is a high performance CMOS static RAM
organized as 65,536 x 4 bits with separate IO. Easy memory
expansion is provided by active LOW Chip Enable (CE) and
tri-state drivers. It has an automatic power down feature that
reduces power consumption by 75% when deselected.
Writing to the device is accomplished when the Chip Enable (CE)
and write enable (WE) inputs are both LOW.
Data on the four input pins (I0 through I3) is written into the
memory location specified on the address pins (A0 through A15).
Reading the device is accomplished by taking the Chip Enable
(CE) LOW while the Write Enable (WE) remains HIGH. Under
these conditions, the contents of the memory location specified
on the address pins appears on the four data output pins.
The output pins stay in high impedance state when Write Enable
(WE) is LOW or Chip Enable (CE) is HIGH.
A die coat ensures alpha immunity.
ARRAY
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
POWER
DOWN
WE
O0
CE
O1
O2
O3
INPUT BUFFER
I0
I1
I2
I3
A0
A9
64K x 4
Logic Block Diagram
[+] Feedback


Similar Part No. - CY7C192

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C192 CYPRESS-CY7C192 Datasheet
175Kb / 10P
64K x 4 Static RAM with Separate I/O
CY7C192 CYPRESS-CY7C192 Datasheet
439Kb / 12P
64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
CY7C192-12PC CYPRESS-CY7C192-12PC Datasheet
175Kb / 10P
64K x 4 Static RAM with Separate I/O
CY7C192-12VC CYPRESS-CY7C192-12VC Datasheet
175Kb / 10P
64K x 4 Static RAM with Separate I/O
CY7C192-12VC CYPRESS-CY7C192-12VC Datasheet
252Kb / 8P
64K x 4 Static RAM with Separate I/O
More results

Similar Description - CY7C192

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6208C MOTOROLA-MCM6208C Datasheet
175Kb / 8P
64K x 4 Fast Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
64K x 4 Bit Static RAM
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
64K x 4 Bit Static RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
logo
Cypress Semiconductor
CY7C192 CYPRESS-CY7C192 Datasheet
175Kb / 10P
64K x 4 Static RAM with Separate I/O
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
64K x 4 Static RAM
CY7C192 CYPRESS-CY7C192_06 Datasheet
252Kb / 8P
64K x 4 Static RAM with Separate I/O
CY7C192 CYPRESS-CY7C192_13 Datasheet
626Kb / 14P
64 K x 4 Static RAM with Separate IO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com