Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C192 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C192
Description  64K x 4 Static RAM with Separate IO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C192 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C192 Datasheet HTML 1Page - Cypress Semiconductor CY7C192 Datasheet HTML 2Page - Cypress Semiconductor CY7C192 Datasheet HTML 3Page - Cypress Semiconductor CY7C192 Datasheet HTML 4Page - Cypress Semiconductor CY7C192 Datasheet HTML 5Page - Cypress Semiconductor CY7C192 Datasheet HTML 6Page - Cypress Semiconductor CY7C192 Datasheet HTML 7Page - Cypress Semiconductor CY7C192 Datasheet HTML 8Page - Cypress Semiconductor CY7C192 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY7C192
Document #: 38-05047 Rev. *D
Page 2 of 9
Pin Configuration
Figure 1. 28-Pin Molded SOJ Package
GND
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
O3
O2
O1
O0
A0
CE
12
13
25
28
27
26
A14
A15
I0
I1
A5
I3
I2
Selection Guide
Description
-15
Unit
Maximum Access Time
15
ns
Maximum Operating Current
145
mA
Maximum CMOS Standby Current
10
mA
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com