Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9821 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9821
Description  HIGH SIDE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9821 Datasheet(HTML) 2 Page - STMicroelectronics

  L9821 Datasheet HTML 1Page - STMicroelectronics L9821 Datasheet HTML 2Page - STMicroelectronics L9821 Datasheet HTML 3Page - STMicroelectronics L9821 Datasheet HTML 4Page - STMicroelectronics L9821 Datasheet HTML 5Page - STMicroelectronics L9821 Datasheet HTML 6Page - STMicroelectronics L9821 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
VS
Max Forward Voltage
Positive Transient Peak Voltage (dump :
τf fall time constant = 100ms,
5ms
≤ trise ≤ 10ms, Rsource ≥ 0.5Ω)
– Resistive Load
– Inductive Load
50Vdc
60V
50V (*)
Reverse Input Voltage
– 0.3Vdc
VI
V4
V5
Input Voltage Pin 2 (to GND)
Pin 4 Voltage
Pin 5 Voltage
(to GND)
(to GND)
– 0.3V / + Vs (Vs < 20V)
– 0.3V / + Vs (Vs < 20V)
–3V / + Vs (Vs < 20V)
I1
I2
I4
I5
Pin 1 Current
Pin 2 Current (forced)
Pin 4 Current (sink)
Pin 5 Current
Internally Limited
0.5mA
10mA
Internally Limited
PTOT
Power Dissipation
Internally Limited
TJ,TSTG Junction and Storage Temperature Range
– 55
°C to + 150°C
* due to the negative voltage at the output during the switching off.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
1.5
°C/W
PIN CONNECTION (top view)
L9821
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com