Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9821 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9821
Description  HIGH SIDE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9821 Datasheet(HTML) 1 Page - STMicroelectronics

  L9821 Datasheet HTML 1Page - STMicroelectronics L9821 Datasheet HTML 2Page - STMicroelectronics L9821 Datasheet HTML 3Page - STMicroelectronics L9821 Datasheet HTML 4Page - STMicroelectronics L9821 Datasheet HTML 5Page - STMicroelectronics L9821 Datasheet HTML 6Page - STMicroelectronics L9821 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L9821
February 1997
HIGH SIDE DRIVER
.
25A PEAK OUTPUT CURRENT
.
RON = 100m
Ω
.
DIAGNOSTIC AND PROTECTION
FUNCTIONS
.µ
P COMPATIBLE
.
GROUNDED CASE
.
INRUSH CURRENT LIMITING CIRCUIT
Pentawatt
DESCRIPTION
The L9821 High Side Driver realized with Multipo-
wer - BCD mixed technology, drives resistive or in-
ductive loads with one side connected to ground.
The input control is TTL compatible and a diagnos-
tic output provides an indication of load (open and
short) and device status (thermal and overvoltage
shutdown).Onchip thermalprotection and short cir-
cuit protection are provided.
BLOCK DIAGRAM
The device is assembled in the Pentawattpackage
with the tab connected to the ground terminal.
ORDERING NUMBER : L9821
1/7
MULTIPOWER BCD TECHNOLOGY


Similar Part No. - L9821

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9820 STMICROELECTRONICS-L9820 Datasheet
58Kb / 6P
HIGH SIDE DRIVER
Feb-1994
L9820 STMICROELECTRONICS-L9820 Datasheet
282Kb / 6P
HIGH SIDE DRIVER
Sep-2013
L9820D STMICROELECTRONICS-L9820D Datasheet
58Kb / 6P
HIGH SIDE DRIVER
Feb-1994
L9820D013TR STMICROELECTRONICS-L9820D013TR Datasheet
282Kb / 6P
HIGH SIDE DRIVER
Sep-2013
L9822E STMICROELECTRONICS-L9822E Datasheet
112Kb / 11P
OCTAL SERIAL SOLENOID DRIVER
Sep-1994
More results

Similar Description - L9821

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
HIGH SIDE DRIVER
Oct-2003
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
High-side driver
07-Feb-2011
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com