Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9821 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9821
Description  HIGH SIDE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9821 Datasheet(HTML) 4 Page - STMicroelectronics

  L9821 Datasheet HTML 1Page - STMicroelectronics L9821 Datasheet HTML 2Page - STMicroelectronics L9821 Datasheet HTML 3Page - STMicroelectronics L9821 Datasheet HTML 4Page - STMicroelectronics L9821 Datasheet HTML 5Page - STMicroelectronics L9821 Datasheet HTML 6Page - STMicroelectronics L9821 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FUNCTIONAL DESCRIPTION
The L9821is a high sidedrive monolithic switch, dri-
ven by TTL, CMOS input logic, able to supply resi-
stive or inductive loads up to 6A DC allowing a
current peak of 25A with a RDS(ON) = 0.1. The elec-
tronicswitch, in additionto its main function,protects
itself, the power network and the load against load
dump (up to 60V) and overload and it detects short
circuit, open load and overtemperature conditions.
All these functions (logic control and power actua-
tion) are possible on a singlechip thanks to the new
mixed ST MultipowerBCD technologythat allows to
integrate isolated DMOS power transistors in com-
binationwith Bipolarand CMOS signal structureson
the same chip.
The high side drive connection (series switch bet-
ween the load and the positive power source)is par-
ticularlysuited in automotiveenvironmentwherethe
electrochemical corrosion withstandinghas primary
importance. For this connection the best solution is
a Power MOS N-channel which requires for driving
only a capacitive charge pump completely integra-
ted on the switch chip.
The L9821 is based on a power DMOS series ele-
ment, a driving circuit with a charge pump, an input
logic interface and on some protection and fault de-
tection circuits.
The power DMOS transistor has a RDS(ON) = 0.1
Ω
(typ. value @ TJ =25
°C, VGS = 10V). The low value
of RDS(ON) is important both to increase the power
transferred to the load and to minimize the power
dissipated in the device.
The charge pump is a capacitivevoltage tripler star-
ting from power supply (car battery), driven by a
500kHz oscillator.
The input interface is based on a circuitry solution
able to guarantee the stability over temperature of
the TTL logic levels and very low quiescent current
in OFF condition.
When the supply reaches the maximum operating
voltage (32V) the device is turned OFF, protecting
itself and the load ; moreoverlocal zener clamps are
provided in some critical points to avoid that VGS of
any MOS transistor could reach dangerous values
even during 60V load dump transient.
The inrush current limiting is a significant feature of
the L9821. This functionallows to protect the power
supply network and may extend the life of the loads.
For example, in the case of the lamps, the tungsten
wire resistance value in cold condition is about one
tenth of the nominal steadystate and then the inrush
current during the turn on is statistically one of the
main causes of lamps failures. If the high current
condition persists (e.g. load short circuit) and the
junctiontemperaturerises above150
°C,the thermal
protection circuit turns off the device preventingany
damage. The current limiting and the thermal shut-
down are sufficient to protectthe device againstany
overload becausethe power DMOS has not the se-
cond breakdown.
When the L9821 is driven and one of the protec-
tions (overtemperature, overvoltage, overload) is
present, a fault detection open drain output turns
on. This output is active also when Iload is lower
than 0.6A detecting the open load (disconnected or
burned out). The diagnostic output detects fault
conditions with 25ms delay in order to avoid spu-
rious diagnosys (i.e. : turn on overcurrent, overvol-
tage spikes etc.). In OFF conditions the fault
detection circuits are not active to allow a minimum
quiescent current.
The device can drive unipolar DC motors and sole-
noids as well becauseit can recirculate an inductive
current when the output voltage goes lower than
Vclamp value (typically - 6.5V in respect to ground).
The possibility to have a start up current is useful
also for DC motors allowing the maximum starting
torque.
TYPICAL APPLICATION OF THE L9821
The L9821 integrated high side driver can be used
to replace an electromechanical relay.
Inductiveload (i.e. solenoids,motors) can be driven
by the L9821. No externalcomponents are required
for the coil current recirculation, because the device
provides this function internally.
L9821
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com