Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9821 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9821
Description  HIGH SIDE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9821 Datasheet(HTML) 3 Page - STMicroelectronics

  L9821 Datasheet HTML 1Page - STMicroelectronics L9821 Datasheet HTML 2Page - STMicroelectronics L9821 Datasheet HTML 3Page - STMicroelectronics L9821 Datasheet HTML 4Page - STMicroelectronics L9821 Datasheet HTML 5Page - STMicroelectronics L9821 Datasheet HTML 6Page - STMicroelectronics L9821 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PIN FUNCTIONS
1. POWER SUPPLY
Supply voltage input. When the supply reaches the
maximum operating voltage (32V) the device is tur-
ned off, protecting itself and the load.
Turning off guaranteed for VS > 41V.
2. INPUT
TTL compatible input. High level on this pin means
outputcurrentON. Thelow level voltageswitches off
the charge pump, the power stage and the diagno-
stic output reducing to the minimum value the quie-
scent current.
3. GROUND
This pin must be connected to ground.
4. DIAGNOSTIC FEEDBACK
The diagnostic circuit is active in input high level
condition. This output detects with Tipically 45ms
delay at Tamb =25
°C the following faults :
- Overvoltage condition.
- Thermal shutdown.
- Shortcircuit.Thepowerstagecurrentis internally
limited at 25A.
- Open load. The open load condition is detected
with load current < 0.6A.
The diagnostic output is active low. The diagnostic
delay time allows to avoid spurious diagnosys (i.e :
turn ON overcurrent, overvoltage spikes etc.).
5. POWER OUTPUT
The device is provided with short circuit protection
at Vs
≤ 14.4V
ELECTRICAL CHARACTERISTICS (VS = 14.4V; -40
°C ≤ Tj ≤ 125°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VOP
Operat. Voltage
6
32
V
RON
On Resistance
Input >2V:Tj =25
°C
Input >2V:Full T range
0.1
0.2
Ω
ISC
Short circuit current
25
A
IDL
Over Current Detection Level
20
A
IOPD
Open Load Detection Level
Device ON
1.2
A
Vclamp
Output Under Voltage Clamping
Iload <6A Inductive
-12
-4
V
IOff
Off State Supply Current
Tj = -40 to 35
°C
Tj =35 to 85
°C
100
300
µA
µA
ION
ON State Supply Current
Tj =25
°C10
mA
VIL
Input Low Level
0.8
V
VIH
Input High Level
2.0
V
II
Input Current
Vi =Vthreshold
15
µA
ILEAKD
Diagnostic Output Leakage
Voltage
VCC = 5V
Diagnostic Output
10
µA
VSATD
Diagnostic Output Saturation
Voltage
Isink <1.6mA
0.4
V
TDd
Diagnostic Delay Time
Tj =25
°C;
45
ms
tdON
Output ON Delay Time
Tj =25
°C15
µs
tr
Output ON Rise Time
Tj =25
°C65
µs
tdOFF
Output OFF Delay Time
Tj =25
°C50
µs
tf
Output OFF Fall Time
Tj =25
°C
100
µs
L9821
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com