Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1305E/R Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS1305E/R
Description  Serial Alarm Real-Time Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305E/R Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS1305E/R Datasheet HTML 11Page - Dallas Semiconductor DS1305E/R Datasheet HTML 12Page - Dallas Semiconductor DS1305E/R Datasheet HTML 13Page - Dallas Semiconductor DS1305E/R Datasheet HTML 14Page - Dallas Semiconductor DS1305E/R Datasheet HTML 15Page - Dallas Semiconductor DS1305E/R Datasheet HTML 16Page - Dallas Semiconductor DS1305E/R Datasheet HTML 17Page - Dallas Semiconductor DS1305E/R Datasheet HTML 18Page - Dallas Semiconductor DS1305E/R Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DS1305
15 of 21
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………..-0.5V to +7.0V
Storage Temperature Range……………………………………………………………….-55°C to +125°C
Soldering Temperature………………………………………….See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time can affect
reliability.
OPERATING RANGE
RANGE
TEMP RANGE
VCC (V)
Commercial
0°C to +70°C
2.0 to 5.5 VCC1 or VCC2
Industrial
-40°C to +85°C
2.0 to 5.5 VCC1 or VCC2
RECOMMENDED DC OPERATING CONDITIONS
(Over the operating range, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC1, VCC2
VCC1, VCC2
2.0
5.5
V
7
Logic 1 Input
VIH
2.0
VCC + 0.3
V
VCC = 2.0V
+0.3
Logic 0 Input
VIL
VCC = 5V
-0.3
+0.8
V
VBAT Battery Voltage
VBAT
2.0
5.5
V
VCCIF Supply Voltage
VCCIF
2.0
5.5
V
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com