Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1305E/R Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1305E/R
Description  Serial Alarm Real-Time Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305E/R Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1305E/R Datasheet HTML 12Page - Dallas Semiconductor DS1305E/R Datasheet HTML 13Page - Dallas Semiconductor DS1305E/R Datasheet HTML 14Page - Dallas Semiconductor DS1305E/R Datasheet HTML 15Page - Dallas Semiconductor DS1305E/R Datasheet HTML 16Page - Dallas Semiconductor DS1305E/R Datasheet HTML 17Page - Dallas Semiconductor DS1305E/R Datasheet HTML 18Page - Dallas Semiconductor DS1305E/R Datasheet HTML 19Page - Dallas Semiconductor DS1305E/R Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
DS1305
16 of 21
DC ELECTRICAL CHARACTERISTICS
(Over the operating range, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
-100
+500
µA
Output Leakage
ILO
-1
1
µA
IOL= 1.5mA
VCC = 2.0V
0.4
Logic 0
Output
IOL = 4.0mA
VOL
VCC = 5V
0.4
V
IOH = -0.4mA
VCCIF = 2.0V
1.6
Logic 1
Output
IOH = -1.0mA
VOH
VCCIF = 5V
2.4
V
VCC1 = 2.0V
0.425
VCC1 Active Supply Current
ICC1A
VCC1 = 5V
1.28
mA
2, 8
VCC1 = 2.0V
25.3
VCC1 Timekeeping Current
(Osc on)
ICC1T
VCC1 = 5V
81
µA
1, 8, 12
VCC1 = 2.0V
25
VCC1 Standby Current
(Osc off)
ICC1S
VCC1 = 5V
80
µA
6, 8, 12
VCC2 = 2.0V
0.4
VCC2 Active Supply Current
ICC2A
VCC2 = 5V
1.2
mA
2, 9
VCC2 = 2.0V
0.3
VCC2 Timekeeping Current
(Osc on)
ICC2T
VCC2 = 5V
1
µA
1, 9, 12
VCC2 = 2.0V
200
VCC2 Standby Current
(Osc off)
ICC2S
VCC2 = 5V
200
nA
6, 9, 12
Battery Timekeeping Current
IBAT
VBAT = 3V
400
nA
10, 12
Battery Standby Current
IBATS
VBAT = 3V
200
nA
10, 12
VCC Trip Point
VCCTP
VBAT - 50
VBAT +
200
mV
R1
2
R2
4
Trickle Charge Resistors
R3
8
k
W
Trickle Charge Diode
Voltage Drop
VTD
0.7
V
CAPACITANCE
(TA = +25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
10
pF
Output Capacitance
CO
15
pF
Crystal Capacitance
CX
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com